Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2050.363NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA2050.363NL
Description  Wire Wound
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2050.363NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA2050.363NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2050.363NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2050.363NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P661.D (03/14)
2
pulseelectronics.com
SMT POWER INDUCTORS
Wire Wound
PA2050.XXXNL
Mechanical
Schematics
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 25°C
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 100°C
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
Temp Rise vs Power Dissipation
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 25°C
Current (A)
0
10
20
30
40
50
60
05
10
15
20
25
.582
.782
.103
.163
.193
.233
.273
.313
.363
.393
.413
.583
@ 100°C
0
10
20
30
40
50
60
70
80
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Total Power Dissipation (W) = CopperLoss + CoreLoss
CopperLoss = Irms2 * Rdc(mW) / 1000
CoreLoss = (from table)
Temp Rise vs Power Dissipation
Inductance vs Current Characteristics
1
2
Dimensions: Inches
mm
Unless otherwise specified, all
tolerances are ± .010
0,25
PA2050.XXXNL
DATE CODE
CTRY OF MFG


Similar Part No. - PA2050.363NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2050.363NL PULSE-PA2050.363NL Datasheet
453Kb / 3P
   SMT POWER INDUCTORS Wire Wound
PA2050.363NL PULSE-PA2050.363NL Datasheet
453Kb / 3P
   SMT POWER INDUCTORS Wire Wound
More results

Similar Description - PA2050.363NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
1008 PULSE-1008 Datasheet
1Mb / 5P
   Wire Wound
0805 PULSE-0805 Datasheet
1Mb / 6P
   Wire Wound
PA2729.502NL PULSE-PA2729.502NL Datasheet
503Kb / 2P
   Wire Wound
logo
Superworld Electronics
SDI453226 SUPERWORLD-SDI453226_15 Datasheet
202Kb / 5P
   Wire Wound Inductor
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
   Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
   Wire Wound Inductor
logo
List of Unclassifed Man...
WI20C182J1U ETC2-WI20C182J1U Datasheet
929Kb / 6P
   WIRE WOUND INDUCTORS
logo
Superworld Electronics
SCI1008LP SUPERWORLD-SCI1008LP_15 Datasheet
225Kb / 4P
   Wire Wound Inductor
logo
RFE international
KNP RFE-KNP Datasheet
1Mb / 3P
   Wire Wound Resistors
OCT-25-2023
logo
List of Unclassifed Man...
RW1S ETC-RW1S Datasheet
832Kb / 1P
   WIRE WOUND RESISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com