Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA1494.362NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA1494.362NL
Description  Planar
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA1494.362NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA1494.362NL Datasheet HTML 1Page - Pulse A Technitrol Company PA1494.362NL Datasheet HTML 2Page - Pulse A Technitrol Company PA1494.362NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
68
SPM2007 (11/07)
SMT POWER INDUCTORS
Planar - PA1X9XNL Series
Inductance vs. Current Characteristics (25°C)
PA1292.XXX & PA1294.XXX Series
Current (Amps DC)
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
0.00
Current (Amps DC)
PA1393.XXX Series
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
PA1494.XXX Series
Current (Amps DC)
4.00
5.00
6.00
7.00
0.00
3.00
2.00
1.00
Core Loss vs. Flux Density
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
DB (Gauss)
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
700kHz
DB = 179 * L(µH) * DA / (Pri_Turns)
Temperature Rise vs. Power (W) Dissipation
Total Power (W) Dissipation
0
20
40
60
80
100
120
0
1
23
4
5
67
Total Power Dissipation = Copper Loss (W) + Core Loss (W)
Copper Loss (W) = Current (rms)2 * DCR (mW) / 1000 Core
Loss (W) = per table


Similar Part No. - PA1494.362NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA1494.362NL PULSE-PA1494.362NL Datasheet
202Kb / 3P
   SMT POWER INDUCTORS
PA1494.362NL PULSE-PA1494.362NL Datasheet
202Kb / 3P
   SMT POWER INDUCTORS Planar - PA1X9XNL Series
PA1494.362NL PULSE-PA1494.362NL Datasheet
770Kb / 4P
   SMT Power Inductors
More results

Similar Description - PA1494.362NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1977NLT PULSE-P1977NLT Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
P1977T PULSE-P1977T Datasheet
100Kb / 2P
   SMT PLANAR TRANSFORMER AND PLANAR INDUCTOR
logo
Coilcraft lnc.
B0853-AL COILCRAFT-B0853-AL Datasheet
136Kb / 1P
   Planar Transformer
logo
Microsemi Corporation
MDU1020 MICROSEMI-MDU1020 Datasheet
877Kb / 2P
   PLANAR TRANSCEIVERS
logo
Coilcraft lnc.
B0357-BL COILCRAFT-B0357-BL Datasheet
106Kb / 2P
   Planar Magnetics
logo
Silonex Inc.
SLD-70C2 SILONEX-SLD-70C2_15 Datasheet
50Kb / 1P
   Planar photodiode
logo
SeCoS Halbleitertechnol...
BCP5551 SECOS-BCP5551_15 Datasheet
348Kb / 2P
   Planar Transistor
logo
Silonex Inc.
SLD-70C1 SILONEX-SLD-70C1 Datasheet
31Kb / 1P
   Planar Photodiode
logo
Coilcraft lnc.
JA4309 COILCRAFT-JA4309_16 Datasheet
128Kb / 1P
   Planar Transformer
logo
New Jersey Semi-Conduct...
BC440 NJSEMI-BC440 Datasheet
87Kb / 1P
   SILICON PLANAR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com