Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB2020.102NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PB2020.102NL
Description  Unshielded Drum Core
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PB2020.102NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PB2020.102NL Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
26
SPM2007 (7/08)
Height: 10.2mm Max
Footprint: 23.9mm x 20.8mm Max
Current Rating: up to 30A
Inductance Range: 0.68µH to 33µH
NOTES:
TAPE & REEL LAYOUT
.820
20,83
1.591
40,41
1.732 ± .012
44,00 ± 0,30
1.260
32,00
.420
10,67
USER DIRECTION OF FEED
.950
24,13
SMT POWER INDUCTORS
Unshielded Drum Core - PB2020NL Series
1
2
INDUCTANCE 5.78 µH TO 29.0 µH
CURRENT ( ADC )
10
15
20
25
30
35
.333
.223
.153
.103
.682
1
4
7
1013
16
19
22
25
28
31
34
37
40
0
5
INDUCTANCE 0.65 µH TO 4.0 µH
0
1
2
3
4
5
6
CURRENT ( ADC )
.472
.332
.222
.102
.681
1
4
7
1013 16 19 22 25 28 31 34 37 4043 46 49 52
Schematic
Inductance
Inductance
2
DCR
Saturation4
Heating 5
Part
6,7
@ 0 ADC
@ Irated
Irated 3
(m
Ω)
Current @ 25°C
Current
Number
(µH ±20%)
(µH TYP)
(ADC)
(TYP)
(MAX)
(ADC)
(ADC)
PB2020.681NL
0.68
0.62
30.0
1.60
1.80
70
30.0
PB2020.102NL
1.20
1.20
23.7
2.00
2.20
55
23.7
PB2020.222NL
2.20
1.90
21.8
2.60
2.80
40
21.8
PB2020.332NL
3.30
3.40
18.3
3.60
3.90
35
18.3
PB2020.472NL
4.70
4.40
16.8
4.20
4.50
28
16.8
PB2020.682NL
6.80
5.90
13.6
6.10
6.50
25
13.6
PB2020.103NL
10.00
8.40
12.6
7.40
7.80
20
12.6
PB2020.153NL
15.00
14.00
9.7
12.00
13.00
18
9.7
PB2020.223NL
22.00
19.00
8.1
17.00
20.00
13
8.1
PB2020.333NL
33.00
31.00
6.5
26.00
29.00
10
6.5
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
Mechanical
Weight . . . . . . . .9.5 grams
Tape & Reel . . . . . .100/reel
Tray . . . . . . . . . . . . .20/tray
1. The temperature of the component (ambient plus temperature rise) must be within
the specified operating temperature range.
2. Inductance at Irated is typical inductance value for component taken at rated current.
3. The rated current listed is the lower of saturation current @ 25°C or heating current.
4. The saturation current, Isat, is the current at which the component inductance drops
by 10% (typical) at an ambient temperature of 25°C. This current is determined by
placing the component in the specified ambient environment and applying a short
duration pulse current (to eliminate self-heating effects) to the component.
5. The heating current, IDC, is the DC current required to raise the component
temperature by approximately 40°C. The heating current is determined by mounting
the component on a typical PCB and applying current for 30 minutes.
6. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to the
part number (i.e. PB2020.102NL becomes PB2020.102NLT). Pulse complies to
industry standard tape and reel specification EIA481.
7. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and mechanically
equivalent to NL versions. If a part number does not have the "NL" suffix, but
an RoHS compliant version is required, please contact Pulse for availability.
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
.400
10,16
MAX
PB2020.XXXNL
Date Code
Country of Origin
.820
20,83
MAX
.940
23,87
MAX
SUGGESTED PAD LAYOUT
.530
13,46
.680
17,27
.960
24,39


Similar Part No. - PB2020.102NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PB2020.102NL PULSE-PB2020.102NL Datasheet
96Kb / 1P
   SMT POWER INDUCTORS Unshielded Drum Core - PB2020NL Series
More results

Similar Description - PB2020.102NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com