Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1171.563NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # P1171.563NL
Description  Shielded Drum Core
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

P1171.563NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  P1171.563NL Datasheet HTML 1Page - Pulse A Technitrol Company P1171.563NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
38
SPM2007 (11/07)
SMT POWER INDUCTORS
Shielded Drum Core - P1170NL/P1171NL Series
.079
2,00
SUGGESTED PAD LAYOUT
.472
12,00
.315
8,00
.315
8,00
.118
3,00
.134
3,40
.075
1,91
1
2
SUGGESTED PAD LAYOUT
.039
1,00
.472
12,00
.315
8,00
.039
1,00
.366
9,30
.315
8,00
.197
5,00
1
2
.075
1,91
P1170
P1171
P1170/P1171
.236
6,00
1
2
XXX
.482
12,24
MAX
.482
12,24
MAX
MAX
1
2
Mechanical
Schematic:
Weight . . . . . . . . 3.2 grams
Tape & Reel . . . . . . 500/reel
Dimensions: Inches
mm
Unless otherwise specified, all tolerances are ± .010
0,25
.630
16,00
.945
24,00
TAPE & REEL LAYOUT
.262
6,65
.492
12,50
Height: 6.0mm Max
Footprint: 12.2mm x 12.2mm Max
Current Rating: up to 13A
Inductance Range: .32µH to 750µH
Part 2,3
Inductance
Inductance
Irated 5
DCR (m
Ω
Ω)
Saturation
6
Heating
7
Core Loss
8
SRF
Numbers
@0A DC
@Irated
(A DC)
Current
Current
Factor
(MHz)
(
μH)
(
μH) MIN
TYP
MAX
-25% (A)
+40°C(A)
(K2)
P1170.901NL
P1171.901NL
0.9*
0.6
13
2.0
2.9
14
13
140
>40
P1170.142NL
P1171.142NL
1.4*
0.9
11
3.0
4.2
13
11
170
>40
P1170.222NL
P1171.222NL
2.2*
1.5
9.6
4.0
5.7
9.7
9.6
210
>40
P1170.302NL
P1171.302NL
3.0*
2.0
8.3
5.4
7.7
8.3
8.3
250
38
P1170.392NL
P1171.392NL
3.9*
2.5
7.0
7.4
10
7.0
7.1
280
34
P1170.502NL
P1171.502NL
5.0*
3.3
6.4
8.5
12
6.4
6.6
310
30
P1170.642NL
P1171.642NL
6.4*
4.2
5.3
13
18
5.8
5.3
360
26
P1170.103NL
P1171.103NL
10
7.5
4.4
19
25
4.6
4.4
430
24
P1170.123NL
P1171.123NL
12
9.0
4.2
21
27
4.3
4.2
470
18
P1170.153NL
P1171.153NL
15
11.3
4.0
22
30
4.0
4.1
550
16
P1170.183NL
P1171.183NL
18
13.5
3.4
32
40
3.4
3.4
580
14
P1170.223NL
P1171.223NL
22
16.5
3.0
36
45
3.0
3.2
670
14
P1170.273NL
P1171.273NL
27
20.3
2.7
41
51
2.7
3.0
740
12
P1170.333NL
P1171.333NL
33
24.8
2.6
56
70
2.6
2.6
820
11
P1170.393NL
P1171.393NL
39
29.3
2.4
60
75
2.4
2.5
880
10
P1170.473NL
P1171.473NL
47
35.3
2.2
79
100
2.2
2.2
980
9.0
P1170.563NL
P1171.563NL
56
42
2.0
85
110
2.0
2.1
1000
8.0
P1170.683NL
P1171.683NL
68
51
1.8
97
120
1.8
1.9
1100
6.9
P1170.823NL
P1171.823NL
82
61.5
1.7
127
158
1.7
1.7
1300
6.3
P1170.104NL
P1171.104NL
100
75
1.4
182
230
1.4
1.4
1400
5.5
P1170.124NL
P1171.124NL
120
90
1.3
201
253
1.3
1.4
1500
5.0
P1170.154NL
P1171.154NL
150
113
1.2
225
280
1.2
1.3
1700
4.6
P1170.184NL
P1171.184NL
180
135
1.1
249
310
1.1
1.2
1900
3.8
P1170.224NL
P1171.224NL
220
165
1.0
319
400
1.0
1.1
2100
3.5
P1170.274NL
P1171.274NL
270
203
0.91
363
460
0.91
1.0
2300
3.2
P1170.334NL
P1171.334NL
330
248
0.82
539
620
0.82
0.82
2600
3.0
P1170.394NL
P1171.394NL
390
293
0.72
561
690
0.72
0.81
2800
2.7
P1170.474NL
P1171.474NL
470
353
0.68
629
770
0.68
0.77
3100
2.6
P1170.564NL
P1171.564NL
560
420
0.63
851
1060
0.63
0.66
3300
2.3
P1170.684NL
P1171.684NL
680
510
0.57
950
1200
0.57
0.62
3700
2.0
P1170.824NL
P1171.824NL
820
615
0.52
1241
1550
0.52
0.54
4000
2.0
P1170.105NL
P1171.105NL
1000
750
0.46
1398
1750
0.46
0.51
4500
1.5
* Inductance at 0A DC tolerance on indicated part numbers is ±30%; tolerance is ±20% on all other parts.
NOTES FROM TABLE: (See page 43)
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C


Similar Part No. - P1171.563NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
P1171.563NL PULSE-P1171.563NL Datasheet
213Kb / 2P
   SMT POWER INDUCTORS
More results

Similar Description - P1171.563NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4333.221NLT PULSE-PA4333.221NLT Datasheet
255Kb / 2P
   Shielded Drum Core
PA4331.331NLT PULSE-PA4331.331NLT Datasheet
292Kb / 2P
   Shielded Drum Core
P1168.501NL PULSE-P1168.501NL Datasheet
213Kb / 2P
   Shielded Drum Core
P1167NL PULSE-P1167NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0085NL PULSE-PG0085NL Datasheet
190Kb / 2P
   Shielded Drum Core
P1166NL PULSE-P1166NL Datasheet
245Kb / 2P
   Shielded Drum Core
PG0087NL PULSE-PG0087NL Datasheet
264Kb / 2P
   Shielded Drum Core
P1172.132NL PULSE-P1172.132NL Datasheet
227Kb / 2P
   Shielded Drum Core
PA4335.241NLT PULSE-PA4335.241NLT Datasheet
293Kb / 2P
   Shielded Drum Core
PA4334.221NLT PULSE-PA4334.221NLT Datasheet
321Kb / 3P
   Shielded Drum Core
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com