Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-060-12-00-00-00 Datasheet(PDF) 2 Page - Laird Tech Smart Technology

Part # DL-060-12-00-00-00
Description  for overheating protection the cooler is equipped with a bimetal thermostat
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

DL-060-12-00-00-00 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  DL-060-12-00-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology DL-060-12-00-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
)
(
'
&
%
$
8
&
%
$
)
(
*?(QJLQHHULQJ?$JJUHJDW?'/?'/
GIW
3DUWQU
7LWOH
5HY
6FDOH 6L]HVKHHW
'/
$SSURYHGE\
'HVLJQHGE\
9HUVLRQ
3URMHFW
0 1\PDQ
6WDQGDUG
& -RKDQVVRQ
7($66(0%/<
9'& ',5(&7
/,48,'
&RPPHQW'HYLDWLRQV
+HDW VLQNVDQGLI DSSOLFDEOH 'SODWHVDQGVKURXGV LQDQRGLVHG DOXPLQLXP +L 3RWWHVWHG
9'&
'LPHQVLRQXQLWV
*HQHUDOWROHUDQFHV
66,62
Y
0HWULF >PP@
&KHFNHGE\
$7KRU¦Q
5HOHDVH GDWH
&XVWRPHU
)LUVWDQJOH
SURMHFWLRQ
/DLUG7HFKQRORJLHV
60³OQGDO6ZHGHQ
WIQ
ID[
HPDLO LQIR#ODLUGWHFKFRP
:HE ZZZ ODLUGWHFKFRP
$
4
;0
E
:LUHOHQJWK7(0 FRQQHFWLRQ
Z
&2/'6,'(
9$50 6,'(
(OHFWULFDOFRQQHFWLRQV
5HG 7(0
%ODFN 7(0
$:*
W
' 3ODWH WROHUDQFHV
)ODWQHVV
5RXJKQHVV
2+7 ZLUHV 0D[ $
1RW FRQQHFWHG ZLWK 7(0V
7\SLFDO 3UHVVXUH )ORZEHKDYLRURI OLTXLG EORFN DVVHPEO\
IRUPRUH LQIRUPDWLRQFRQWDFW/DLUG 7HFKQRORJLHV FXVWRPHUVHUYLFH


Similar Part No. - DL-060-12-00-00-00

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL-100-7-KER ETC1-DL-100-7-KER Datasheet
217Kb / 2P
   Position Sensing Photodiodes Special characteristics
DL-100-7-KERSMD ETC1-DL-100-7-KERSMD Datasheet
212Kb / 2P
   Position Sensing Photodiodes Special characteristics
logo
HOKURIKU ELECTRIC INDUS...
DL-1001L HOKURIKU-DL-1001L Datasheet
56Kb / 1P
   Microwave Components
DL-1001L/R HOKURIKU-DL-1001L/R Datasheet
56Kb / 1P
   Microwave Components
DL-1001R HOKURIKU-DL-1001R Datasheet
56Kb / 1P
   Microwave Components
More results

Similar Description - DL-060-12-00-00-00

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
LL-210-24-00-00-00 LSTD-LL-210-24-00-00-00 Datasheet
83Kb / 2P
   for overheating protection the cooler is equipped with a bimetal thermostat
LL-120-24-00-00-00 LSTD-LL-120-24-00-00-00 Datasheet
85Kb / 2P
   for overheating protection the cooler is equipped with a bimetal ther mostat
logo
List of Unclassifed Man...
67F120 ETC2-67F120 Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
67F090P ETC2-67F090P Datasheet
328Kb / 5P
   TO-220, Subminiature Bimetal Disc Thermostat
66F060 ETC2-66F060 Datasheet
379Kb / 5P
   8-Pin DIP, Subminiature Bimetal Disc Thermostat
logo
Greystone Energy System...
LLC GREYSTONE-LLC Datasheet
55Kb / 1P
   FROST PROTECTION THERMOSTAT
logo
Shenzhen Huazhimei Semi...
HM8871 HMSEMI-HM8871 Datasheet
782Kb / 5P
   AB//D class switching, overheating, undervoltage, overcurrent protection
logo
PUI audio inc.
SMS-2008MS-R PUIAUDIO-SMS-2008MS-R Datasheet
731Kb / 6P
   Grill is integrated into the housing for speaker protection
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Roithner LaserTechnik G...
DLT-37 ROITHNER-DLT-37 Datasheet
624Kb / 15P
   The universal driver for Mid-IR LEDs with built-in cooler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com