Electronic Components Datasheet Search |
|
LMH6654 Datasheet(PDF) 4 Page - National Semiconductor (TI) |
|
|
LMH6654 Datasheet(HTML) 4 Page - National Semiconductor (TI) |
4 / 17 page 5V Electrical Characteristics (Continued) Unless otherwise specified, all limits guaranteed for T J = 25˚C, V + = +5V, V− = −0V, V CM = 2.5V, AV = +1, RF =25Ω for gain = +1, R F = 402Ω for gain = ≥ +2, and RL = 100Ω to V+/2. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Min (Note 6) Typ (Note 5) Max (Note 6) Units t r Rise Time A V = +1, 0.2V Step 1.5 ns t f Fall Time A V = +1, 0.2V Step 1.35 ns Distortion and Noise Response e n Input Referred Voltage Noise f ≥ 0.1MHz 4.5 nV/ i n Input Referred Current Noise f ≥ 0.1 MHz 1.7 pA/ Second Harmonic Distortion A V = +1, f = 5MHz −65 dBc Third Harmonic Distortion V O =2VPP,RL = 100Ω −70 X t Crosstalk (for LMH6655 only) Input Referred, 5MHz −78 dB Input Characteristics V OS Input Offset Voltage V CM = 2.5V −5 −6.5 ±25 6.5 mV TC V OS Input Offset Average Drift V CM = 2.5V (Note 7) 6 µV/˚C I B Input Bias Current V CM = 2.5V 6 12 18 µA I OS Input Offset Current V CM = 2.5V −2 −3 0.5 2 3 µA R IN Input Resistance Common- Mode 4 M Ω Differential Mode 20 k Ω C IN Input Capacitance Common- Mode 1.8 pF Differential Mode 1 CMRR Common Mode Rejection Ration Input Referred, V CM = 0V to −2.5V 70 68 90 dB CMVR Input Common Mode Voltage Range CMRR ≥ 50dB −0.15 0 V 3.5 3.7 Transfer Characteristics A VOL Large Signal Voltage Gain V O = 1.6VPP,RL = 100Ω 58 55 64 dB Output Characteristics V O Output Swing High No Load 3.6 3.4 3.75 V Output Swing Low No Load 0.9 1.1 1.3 Output Swing High R L = 100Ω 3.5 3.35 3.70 Output Swing Low R L = 100Ω 1 1.3 1.45 I SC Short Circuit Current (Note 3) Sourcing , V O = 2.5V ∆V IN = 200mV 90 80 170 mA Sinking, V O = 2.5V ∆V IN = 200mV 70 60 140 I OUT Output Current Sourcing, V O = +3.5V 30 mA Sinking, V O = 1.5V 60 R O Output Resistance A V = +1, f <100kHz .08 Ω Power Supply PSRR Power Supply Rejection Ratio Input Referred , V S = ± 2.5V to ± 3V 60 75 dB I S Supply Current (per channel) 4.5 6 7 mA www.national.com 4 |
Similar Part No. - LMH6654 |
|
Similar Description - LMH6654 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |