Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N984A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1N984A
Description  METALLURGICALLY BONDED DOUBLE PLUG CONSTRUCTION
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N984A Datasheet(HTML) 2 Page - Microsemi Corporation

  1N984A Datasheet HTML 1Page - Microsemi Corporation 1N984A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
24
0
25
50
75
100
125
150
175
TA, Ambient temperature (C°)
POWER DERATING CURVE
500
400
300
200
100
0
.1
.2 .3 .4 .5
1
2
5
10
20
30 40
50
100
OPERATING CURRENT lZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
1N957 thru 1N986B
INCLUDING -1 VERSIONS
FIGURE 2
3.3
VOLT
27
VOLT
11
VOLT
6.2
VOLT


Similar Part No. - 1N984A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N984A JGD-1N984A Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Leshan Radio Company
1N984A LRC-1N984A Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
Microsemi Corporation
1N984A MICROSEMI-1N984A Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N984A NJSEMI-1N984A Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
More results

Similar Description - 1N984A

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
1N4531UR MA-COM-1N4531UR Datasheet
456Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
1N957B MICROSEMI-1N957B_1 Datasheet
123Kb / 2P
   METALLURGICALLY BONDED
JAN1N485B MICROSEMI-JAN1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED
JANTX1N3595UR MICROSEMI-JANTX1N3595UR Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454 MA-COM-1N4454 Datasheet
550Kb / 3P
   Metallurgically Bonded
logo
Compensated Deuices Inc...
1N957 CDI-DIODE-1N957 Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
M/A-COM Technology Solu...
1N4454UR MA-COM-1N4454UR Datasheet
568Kb / 3P
   Metallurgically Bonded
logo
Microsemi Corporation
JANTXV1N3595UR-1 MICROSEMI-JANTXV1N3595UR-1 Datasheet
73Kb / 2P
   METALLURGICALLY BONDED
logo
New Jersey Semi-Conduct...
1N6309 NJSEMI-1N6309 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Microsemi Corporation
JANTX1N485B MICROSEMI-JANTX1N485B Datasheet
41Kb / 1P
   METALLURGICALLY BONDED, HERMETICALLY SEALED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com