Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACFM-7103-BLK Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACFM-7103-BLK
Description  Single Antenna connection for PCS and Cell band duplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACFM-7103-BLK Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACFM-7103-BLK Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACFM-7103-BLK Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
Applications Information
The ACFM-7103 quintplexer has two antenna connections,
one common to the Cellular and PCS Band duplexers, and
a separate antenna for the GPS filter.
Dual Antenna Operation
For applications in which a separate GPS antenna is
preferred, the ACFM-7103 can be connected as shown in
Figure 1.
A series-L, shunt-C network is used to match the
impedance of the Ant-1 port (duplexers) to the phone
antenna. A nominal inductance value of 5.1 nH and ca-
pacitance of 1.0 pF matches the Ant-1 port to 50 ohms.
The GPS antenna (Ant-2) is internally matched to 50 ohms
and needs no external components.
Ant-1
Ant-2
Cell Tx
PCS Rx
Port 5
Port 1
Port 7
Port 3
Cell Rx
Port 6
PCS Tx
Port 2
GPS
GPS
Ant
Port 4
Phone
Ant
5.1 nH
1.0 pF
Ant-1
Ant-2
Cell Tx
PCS Rx
Port 5
Port 1
Port 7
Port 3
Cell Rx
Port 6
PCS Tx
Port 2
GPS
Port 4
Ant
5.1 nH
Figure 1. Dual Antenna Application.
Single Antenna Operation
Optionally, if single antenna operation is required, the
Ant-1 and Ant-2 ports of the ACFM-7103 can be connected
together as in Figure 2.
A single 5.1 nH inductor connected between Ant-1 and
Ant-2 is all that is required to match both antenna ports to
a common 50-ohm antenna.
Figure 2. Single Antenna Application.
Matching Components
The L and C values shown here were selected to match
the ACFM-7103 to 50 ohms. These values should be con-
sidered to be nominal. Since every application is different,
these nominal values should be adjusted to provide the
best impedance match for the user’s particular circuit
board, performance requirements, and interface to
related components.
The L and C matching components should be located in
close proximity to the quintplexer as shown in the recom-
mended PCB layouts.
For both antenna configurations, the maximum variation
for the matching components should be ±5% for the
inductor and ±0.2 pF for the capacitor.The inductor should
be of the high Q type (e.g., Murata LQW15AN5N1D00D).


Similar Part No. - ACFM-7103-BLK

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACFM-7103-BLK BOARDCOM-ACFM-7103-BLK Datasheet
1Mb / 20P
   PCS/Cellular/S-GPS Quintplexer
More results

Similar Description - ACFM-7103-BLK

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
6DPF TOKO-6DPF Datasheet
184Kb / 1P
   Antenna Duplexers
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10051G8D1T WALSIN-RFLPF10051G8D1T Datasheet
372Kb / 2P
   For DCS/ PCS Band Application
logo
CTS Corporation
UPD001A CTS-UPD001A Datasheet
226Kb / 2P
   Universal-footprint Pico Cell Duplexers
UMD005A CTS-UMD005A Datasheet
448Kb / 2P
   Universal-footprint Metro Cell Duplexers
USD001A CTS-USD001A Datasheet
263Kb / 2P
   Universal-footprint Small Cell Duplexers
logo
Taoglas antenna solutio...
FXP40.07.0085A TAOGLAS-FXP40.07.0085A_17 Datasheet
1Mb / 11P
   QUAD-BAND GSM850/GSM900/DCS/PCS FLEXIBLE PCB ANTENNA
logo
Agilent(Hewlett-Packard...
HPMD-7905 HP-HPMD-7905 Datasheet
113Kb / 8P
   FBAR Duplexer for US PCS Band
HPMD-7904 HP-HPMD-7904 Datasheet
110Kb / 8P
   FBAR Duplexer for US PCS Band
logo
TE Connectivity Ltd
1513430-1 TEC-1513430-1 Datasheet
765Kb / 5P
   2400-2483.5MHz SINGLE BAND ANTENNA
logo
Linx Technologies
ANT-490-CW-QW LINX-ANT-490-CW-QW Datasheet
742Kb / 8P
   Single-Band Connectorized Monopole Antenna
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com