Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52334FP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M52334FP
Description  PLL-SPLIT VIF/SIF IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52334FP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M52334FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52334FP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MITSUBISHI ICs (TV)
M52334FP
PLL-SPLIT VIF/SIF IC
8
Pin 1 (RF AGC DELAY)
Pin 2 (APC FILTER)
Pin 3 (EQ INPUT)
Pin 4 (REG. OUTPUT)
1.4VO-P
internal
driving current : 3mA
An output amplitude is positive 2.2VP-P in the case of 87.5%
video modulation.
1
12k
Bias
In the locked state, the cut-off frequency of the filter is
adjusted effectively by an external resistor so that it will be
in the range of around 30 to 200kHz.
In case the cut-off frequency is lower, the pull-in speed
becomes slow. On the other hand, a higher cut-off frequency
widen the pull-in range and band width, which results
design, the appropriate constant should be chosen for getting
desirable performance considering above conditions.
[V2]
fo
3.0VO-P
[IF input frequency]
100kHz
[Pin 2 output]
[FM mod. frequency]
in a degradation in the S/N ratio. So, in the actual TV system
2
3
It is an open-base input.
The IF AGC does not work correctly, unless a DC element
of pin 8 output is applied to it.
10.5k
3.8k
It is a regulated 5V output which has current drive
capability of approximately 10mA.
4


Similar Part No. - M52334FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
More results

Similar Description - M52334FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52342SP MITSUBISHI-M52342SP Datasheet
96Kb / 14P
   PLL-SPLIT VIF/SIF IC
M52765FP MITSUBISHI-M52765FP Datasheet
122Kb / 15P
   PLL-SPLIT VIF/SIF IC
M52342FP MITSUBISHI-M52342FP Datasheet
97Kb / 13P
   PLL-SPLIT VIF/SIF IC
logo
Renesas Technology Corp
M52334FP RENESAS-M52334FP Datasheet
163Kb / 19P
   PLL-Split VIF/SIF IC
M52342FP RENESAS-M52342FP Datasheet
176Kb / 19P
   PLL-Split VIF/SIF IC
logo
Mitsubishi Electric Sem...
M52761SP MITSUBISHI-M52761SP Datasheet
53Kb / 7P
   PLL-SPLIT VIF/SIF IC
M52760SP MITSUBISHI-M52760SP Datasheet
56Kb / 8P
   PLL-SPLIT VIF/SIF IC
M51366SP MITSUBISHI-M51366SP Datasheet
665Kb / 10P
   PLL-SPLIT VIF/SIF
logo
Renesas Technology Corp
M52767FP RENESAS-M52767FP Datasheet
6Mb / 21P
   PLL-SPLIT VIF/SIF
logo
Mitsubishi Electric Sem...
M52769FP MITSUBISHI-M52769FP Datasheet
220Kb / 17P
   PLL-SPLIT VIF/SIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com