Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6672 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6672
Description  Dual, High Output Current, High Speed Op Amp
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6672 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6672 Datasheet HTML 1Page - National Semiconductor (TI) LMH6672 Datasheet HTML 2Page - National Semiconductor (TI) LMH6672 Datasheet HTML 3Page - National Semiconductor (TI) LMH6672 Datasheet HTML 4Page - National Semiconductor (TI) LMH6672 Datasheet HTML 5Page - National Semiconductor (TI) LMH6672 Datasheet HTML 6Page - National Semiconductor (TI) LMH6672 Datasheet HTML 7Page - National Semiconductor (TI) LMH6672 Datasheet HTML 8Page - National Semiconductor (TI) LMH6672 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
(Note 2)
Human Body Model
2kV
Machine Model
200V
V
IN Differential
±1.2V
Output Short Circuit Duration
(Note 2)
Supply Voltage (V
+ −V)
13.2V
Voltage at Input/Output pins
V
+ +0.8V, V−0.8V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature
+150˚C (Note 4)
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ -V)
±2.5V to ±6.5V
Junction Temperature Range
−40˚C to 150˚C
Package Thermal Resistance (
θ
JA)
8-pin SOIC
172˚C/W
8-pin PSOP
58.6˚C/W
8-pin LLP
40˚C/W
Electrical Characteristics
T
J = 25˚C, G = +2, VS = ±2.5 to ±6V, Rf =RIN = 470Ω,RL = 100Ω; Unless otherwise specified.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Dynamic Performance
−3dB Bandwidth
130
MHz
0.1dB Bandwidth
V
S = ±6V
22
MHz
Slew Rate
V
S = ±6V, 4V Step, 10-90%
170
V/µs
Rise and Fall Time
V
S = 6V, 4V Step, 10-90%
18.5
ns
Distortion and Noise Response
2
nd Harmonic Distortion
V
O = 8.4VPP, f = 100KHz, RL =25Ω
−95
dBc
V
O = 8.4VPP, f = 1MHz, RL = 100Ω
−92
dBc
3
rd Harmonic Distortion
V
O = 8.4VPP, f = 100KHz, RL =25Ω
−93
dBc
V
O =2VPP, f = 1MHz, RL = 100Ω
−95
dBc
Input Noise Voltage
f = 100KHz
4.5
nV
Input Noise Current
f = 100KHz
1.7
pA/
Input Characteristics
V
OS
Input Offset Voltage
T
J = −40˚C to 150˚C
−5.5
−0.2
5.5
mV
−4
−0.2
4
I
B
Input Bias Current
T
J = −40˚C to 150˚C
8
14
µA
I
OS
Input Offset Current
T
J = −40˚C to 150˚C
−2.1
0
2.1
µA
CMVR
Common Voltage Range
V
S = ±6V
−6.0
4.5
V
CMRR
Common-Mode Rejection Ratio
V
S = ±6V, TJ = −40˚C to 150˚C
150
9.5
µV/V
Transfer Characteristics
A
VOL
Voltage Gain
R
L = 1k, TJ = −40˚C to 150˚C
1.0
2.5
V/mV
R
L =25Ω,TJ = −40˚C to 150˚C
0.67
1.7
V/mV
Output Swing
R
L =25Ω,VS = ±6V
−4.5
±4.8
4.5
V
R
L =25Ω,TJ = −40˚C to 150˚C,
V
S = ±6V
−4.4
±4.8
4.4
Output Swing
R
L = 1k, VS = ±6V
−4.8
±4.8
4.8
V
R
L = 1k, TJ = −40˚C to 150˚C,
V
S = ±6V
−4.7
±4.8
4.7
I
SC
Output Current (Note 3)
V
O =0, VS = ±6V
400
788
mA
V
O =0, VS = ±6V,
T
J = −40˚C to 150˚C
260
600
mA
Power Supply
www.national.com
2


Similar Part No. - LMH6672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
LMH6672MA/NOPB TI1-LMH6672MA/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
LMH6672MAX/NOPB TI1-LMH6672MAX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
LMH6672MR/NOPB TI1-LMH6672MR/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
LMH6672MRX/NOPB TI1-LMH6672MRX/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
More results

Similar Description - LMH6672

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6672 TI1-LMH6672 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6672 Dual, High Output Current, High Speed Op Amp
ALM2402-Q1 TI1-ALM2402-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   Dual Op-amp with High Current Output
logo
National Semiconductor ...
MNCLC501A-X NSC-MNCLC501A-X Datasheet
134Kb / 14P
   HIGH-SPEED OUTPUT CLAMPING OP AMP
CLC501 NSC-CLC501 Datasheet
403Kb / 6P
   High-Speed Output Clamping Op Amp
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
   High Speed, Low Power Dual Op Amp
REV. B
AD644JH AD-AD644JH Datasheet
236Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD644 AD-AD644 Datasheet
255Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
   High Speed, Low Power Dual Op Amp
REV. C
AD644 AD-AD644_15 Datasheet
258Kb / 6P
   Dual High Speed, Implanted BiFET Op Amp
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com