Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMMP-6441-TR1G Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMMP-6441-TR1G
Description  36-40 GHz, 0.4W Power Amplifi er in SMT Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6441-TR1G Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6441-TR1G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AMMP-6441-TR1G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
-80
-70
-60
-50
-40
-30
-20
-10
0
0
24
68
10
12
14
16 18
20
22
Po [dBc, SCL]
450
455
460
465
470
475
480
485
490
IM3_h [dBc]
IM3_l [dBc]
Ids_total
IM3_h [dBc]
IM3_l [dBc]
Ids_total
IM3_h [dBc]
IM3_l [dBc]
Ids_total
IM3_h [dBc]
IM3_l [dBc]
Ids_total
IM3_h [dBc]
IM3_l [dBc]
Ids_total
IM3_h [dBc]
IM3_l [dBc]
Ids_total
-80
-70
-60
-50
-40
-30
-20
-10
0
0
24
68
10
12 14
16 18
20 22
Po [dBc, SCL]
450
455
460
465
470
475
480
485
490
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2468
10
12
14
16
18
20
22
Po [dBc, SCL]
450
455
460
465
470
475
480
485
490
-80
-70
-60
-50
-40
-30
-20
-10
0
0
24
6
8
10 12
14
16
18 20
22
Po [dBc, SCL]
450
455
460
465
470
475
480
485
490
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2468
10 12 14 16 18 20 22
Po [dBc, SCL]
450
455
460
465
470
475
480
485
490
-80
-70
-60
-50
-40
-30
-20
-10
0
0
2
468
10 12 14
16 18 20 22
Po [dBc, SCL]
450
455
460
465
470
475
480
485
490
Figure 7. Typical IM3 level and Ids vs. single carrier output level at 35GHz
Figure 9. Typical IM3 level and Ids vs. single carrier output level at 37GHz
Figure 11. Typical IM3 level and Ids vs. single carrier output level at 39GHz
Figure 8. Typical IM3 level and Ids vs. single carrier output level at 36GHz
Figure 10. Typical IM3 level and Ids vs. single carrier output level at 38GHz
Figure 12. Typical IM3 level and Ids vs. single carrier output level at 40GHz


Similar Part No. - AMMP-6441-TR1G

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6441-TR1G AVAGO-AMMP-6441-TR1G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6441-TR1G BOARDCOM-AMMP-6441-TR1G Datasheet
263Kb / 9P
   36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
More results

Similar Description - AMMP-6441-TR1G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMMP-6441 BOARDCOM-AMMP-6441 Datasheet
263Kb / 9P
   36 - 40 GHz, 0.4W Power Amplifi er in SMT Package
AMMP-6421 BOARDCOM-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6421 AVAGO-AMMP-6421 Datasheet
311Kb / 10P
   13-16 GHz 1W Power Amplifi er in SMT Package
logo
Broadcom Corporation.
AMGP-6445 BOARDCOM-AMGP-6445 Datasheet
146Kb / 9P
   40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
AMGP-6342 BOARDCOM-AMGP-6342 Datasheet
147Kb / 7P
   40.5 ??43.5 GHz SMT Packaged Variable Gain Amplifi er
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6425 AVAGO-AMMC-6425_15 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
MGA-23003 AVAGO-MGA-23003 Datasheet
223Kb / 17P
   3.3-3.8 GHz WiMAX Power Amplifi er (3x3mm)
MGA-22103 AVAGO-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
logo
Broadcom Corporation.
MGA-22103 BOARDCOM-MGA-22103 Datasheet
252Kb / 14P
   2.5-2.7 GHz WiMAX Power Amplifi er Module
AMMC-6425 BOARDCOM-AMMC-6425 Datasheet
310Kb / 9P
   18-28 GHz 1W Power Amplifi er MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com