Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IAM-92516-TR2 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # IAM-92516-TR2
Description  High Linearity GaAs FET Mixer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

IAM-92516-TR2 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  IAM-92516-TR2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED IAM-92516-TR2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED IAM-92516-TR2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED IAM-92516-TR2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED IAM-92516-TR2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED IAM-92516-TR2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED IAM-92516-TR2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IAM-92516 Typical Performance, continued
DC = 5V @ 26 mA, RF =1.91 GHz, PinRF = -10 dBm; LO = 1.7 GHz, PinLO = -3 dBm, IF = 210 MHz unless otherwise specified
Figure 11. RF-IF Isolation vs LO Power Over
Temperature.
-30
-31
-32
-33
-34
-35
-36
-37
-38
-39
-40
LO POWER (dBm)
-10
-6 -5
-9 -8 -7
-3 -2 -1 0 1 2
3 4
-4
5
-20C
-40C
+25C
+85C
Figure 12. RF Return Loss vs Frequency.
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
FREQUENCY (GHz)
0
1.5
0.5
1
2.5 3 3.5
4
4.5 5
5.5
2
6
Figure 13. LO Return Loss vs Frequency.
0
-5
-10
-15
-20
-25
-30
FREQUENCY (GHz)
0
1.5
0.5
1
2.5 3 3.5
4
4.5 5
5.5
2
6
Figure 14. IF Return Loss vs Frequency.
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
-22
-24
FREQUENCY (MHz)
50
150
100
250
300 350
400 450
200
500
Figure 10. LO-RF Isolation vs LO Power Over
Temperature.
-22
-24
-26
-28
-30
-32
-34
-36
-38
-40
-42
-44
-46
LO POWER (dBm)
-10
-6 -5
-9 -8 -7
-3 -2 -1 0 1 2
3 4
-4
5
-20C
-40C
+25C
+85C
LO Harmonics (nLO)
0
1
2
3
4
5
0
0
18.5
12.9
11.6
5.8
1
19.5
0
51.3
60.6
42.8
55.2
2
39.9
67.3
56.6
78.3
64.7
87.2
3
51.2
>90
>90
>90
>90
>90
4
68.9
>90
>90
>90
>90
>90
5
>90
>90
>90
>90
>90
>90
Harmonic Intermodulation Suppression[10 ]
Note:
10. Test Conditions of Harmonic Intermodulation Suppression:
a) RF =1.91 GHz @-10 dBm and LO =1.7 GHz @-3 dBm.
b) RF harmonics and intermodulation products are referenced to a desired signal produced
by frequency IF = 210 MHz.
c) LO Harmonics are referenced to the -3 dBm LO drive signal.


Similar Part No. - IAM-92516-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-92516-TR2 HP-IAM-92516-TR2 Datasheet
163Kb / 8P
   High Linearity GaAs FET Mixer
More results

Similar Description - IAM-92516-TR2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
IAM-92516 HP-IAM-92516 Datasheet
163Kb / 8P
   High Linearity GaAs FET Mixer
logo
Broadcom Corporation.
DEMO-IAM-92516A BOARDCOM-DEMO-IAM-92516A Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
   High Linearity Passive FET Mixer
logo
Stanford Microdevices
SPM-2045 STANFORD-SPM-2045 Datasheet
195Kb / 9P
   High Linearity Passive FET Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com