Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-12516 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-12516
Description  High Gain, Matched-Pair Dual, Very Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-12516 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-12516 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-12516 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
MGA-12516 Absolute Maximum Rating [1]
Symbol
Parameter
Units
Absolute Max.
VDD
Device Voltage, RF output to ground
V
6
VGG
Gate Voltage
V
0.8
Pin,max (ON)
CW RF Input Power (at VDD=4V, VGG=0.58V).
dBm
18
Pin,max (OFF)
CW RF Input Power( at VDD=4V, VGG=0V)
dBm
28
Pdiss
Total Power Dissipation [2]
W
1.2
Tj
Junction Temperature
oC
150
TSTG
Storage Temperature
oC
-65 to 150
Thermal Resistance [3], θjc = 34 ºC/Wat VDD= 4V, IDD=50mA per channel
Notes:
1. Operation of this device in excess of any of these limits may cause permanent damage.
2. Power dissipation with both channels turned on. Board temperature TB is 25 oC. Derate 29.5mW/ oC for TB>109 oC.
3. Thermal resistance measured using Infra-red measurement technique, with both channels turned on, hence IDDtotal=100mA.
Electrical Specifications
RF performance at 4V, 50mA,1.95 GHz, TA = 25 °C, given for each RF channel, measured on the demo board in Fig. 28 with
component list in Table 1, for 1.95GHz matching.
Symbol
Parameter and Test Condition
Units
Min.
Typ.
Max.
VGG
Operational Gate Voltage (to adjust for given IDD)
V
0.43
0.58
0.7
NF[4]
Noise Figure
dB
0.58
0.9
Gain
Gain
dB
22.3
24
25.8
OIP3[5]
Output Third Order Intercept Point
dBm
33.3
OP1dB
Output Power at 1dB Gain Compression
dBm
18.4
IRL
Input Return Loss, 50Ω source
dB
13.5
ORL
Output Return Loss, 50Ω load
dB
4.6
|S12|
Reverse Isolation
dB
38.6
|ISOL1-2|
Isolation between IN1 and IN2
dB
43
Notes:
4. Board transmission line losses have been deembedded.
5. 1.95GHz IP3 test condition: ftone1 = 1.950 GHz, ftone2 = 1.951 GHz with input power of -20dBm per tone.


Similar Part No. - MGA-12516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
MGA-12516-BLKG BOARDCOM-MGA-12516-BLKG Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
MGA-12516-TR1G BOARDCOM-MGA-12516-TR1G Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
MGA-12516-TR2G BOARDCOM-MGA-12516-TR2G Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
More results

Similar Description - MGA-12516

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-12516 BOARDCOM-MGA-12516 Datasheet
637Kb / 16P
   High Gain, Matched-Pair Dual, Very Low Noise Amplifier
MGA-13216 BOARDCOM-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
DEMO-MGA-13X16 BOARDCOM-DEMO-MGA-13X16 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13116 AVAGO-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13216 AVAGO-MGA-13216_15 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
Broadcom Corporation.
MGA-13116 BOARDCOM-MGA-13116 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-13216 AVAGO-MGA-13216 Datasheet
294Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
MGA-13116 AVAGO-MGA-13116_15 Datasheet
327Kb / 11P
   High Gain, High Linearity, Very Low Noise Amplifier
logo
United Monolithic Semic...
CHA2394 UMS-CHA2394_06 Datasheet
194Kb / 8P
   36-40GHz Very Low Noise High Gain Amplifier
CHA2095A UMS-CHA2095A Datasheet
106Kb / 7P
   36-40GHz Low Noise Very High Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com