Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-21108-TR2G Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-21108-TR2G
Description  Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-21108-TR2G Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-21108-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-21108-TR2G Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Absolute Maximum Rating (1) TA=25°C
Symbol
Parameter
Units
Absolute Max.
Vdd
Device Voltage, RF output to ground
V
4
Id
Quiescent Current
mA
40
Vsd
Control Voltage
V
4
Pin,max
CW RF Input Power
dBm
+14
Pdiss
Total Power Dissipation [3]
mW
160
Tj
Junction Temperature
°C
150
TSTG
Storage Temperature
°C
-65 to 150
Thermal Resistance [2,3]
(Vdd= 1.4V, Id = 17.4mA),
θjc = 44.5°C/W
Notes:
1. Operation of this device in excess
of any of these limits may cause
permanent damage.
2. Thermal resistance measured
using Infra-Red Measurement
Technique.
3. Board temperature TB is 25°C,
for TB >146°C derate the
device power at 14mW per °C
rise in Board (package belly)
temperature.
Package Pinout
Bias
Top View
Vsd
Gnd
Gnd
RFin
Vdd
Not Used
RF out
Not Used
Gnd


Similar Part No. - MGA-21108-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-21108-TR2G BOARDCOM-MGA-21108-TR2G Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
More results

Similar Description - MGA-21108-TR2G

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-21108 BOARDCOM-MGA-21108 Datasheet
1Mb / 21P
   Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
   Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
M/A-COM Technology Solu...
MAAL-011130 MA-COM-MAAL-011130 Datasheet
1Mb / 12P
   Broadband Low Noise Amplifier
logo
RF Micro Devices
RF2884 RFMD-RF2884 Datasheet
121Kb / 6P
   BROADBAND LOW NOISE AMPLIFIER
logo
Microsemi Corporation
MMA036AA MICROSEMI-MMA036AA Datasheet
504Kb / 7P
   DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX
RevD
logo
Analog Devices
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
   MMIC Low Noise Amplifier
HMC753 AD-HMC753_17 Datasheet
282Kb / 13P
   MMIC Low Noise Amplifier
HMC903LP3E AD-HMC903LP3E Datasheet
281Kb / 13P
   MMIC, Low Noise Amplifier
HMC7950 AD-HMC7950 Datasheet
405Kb / 16P
   MMIC Low Noise Amplifier
logo
Mini-Circuits
MERA-556 MINI-MERA-556_15 Datasheet
252Kb / 4P
   Dual Matched MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com