Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73M2910L Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 73M2910L
Description  Microcontroller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

73M2910L Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 73M2910L Datasheet HTML 4Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 5Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 6Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 7Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 8Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 9Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 10Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 11Page - List of Unclassifed Manufacturers 73M2910L Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
73M2910L
Microcontroller
8
USR3 PORT (continued)
USR3 I/O Port Direction (DIR3) External Address 0001h
Byte Addressable
Reset State FFh
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DIR3.7
DIR3.6
DIR3.5
DIR3.4
DIR3.3
DIR3.2
DIR3.1
DIR3.0
This register is used to designate the USR3 pins as either inputs or outputs. If the register bit is reset to a 0, the
corresponding USR3 pin is programmed as an output that will be driven by the corresponding USR3 data
register bit. If the register bit is a 1, the corresponding pin will be treated as an input.
After a reset, the USR3 pins will present a high impedance output state and the input values will not be driven
from the pin, but will be driven to a 1 internally. The pins will assume normal I/O operation once the processor
has written the USR3 port direction register. This feature will ensure a low current state at reset.
If the bank select feature is chosen, USR3.7 pin is forced to be an output.
BANK SELECT (BNKSEL) EXTERNAL ADDRESS 0002h
Byte Addressable
Reset State 00h
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
B7
B6
B5
B4
B3
BSEN
BS1
BS0
This register is used to accommodate systems where more than 64 kBytes (up to 128 kBytes) of program
memory are required. Pin USR3.7 acts as an address pin, A16, if BSEN is set to a 1 and the processor is
fetching an instruction and not data memory. If BSEN is set to a 1, A15 is also modified during instruction
fetches as shown below. If BSEN is a 0, no alterations to address bit A15 are made, and pin USR3.7 is a
function of USR3 bit 7 and DIR3 bit 7.
Bits (7:3) are general purpose read/write register bits.
A15
Value of the 16th address bit as it appears at pin A15.
A15’
Address from port 2 internal logic, the value that will appear as the most significant address bit if no
bank select feature is chosen.
A16
Value of the 17th and MSB of the instruction address seen at the USR3.7 port pin, if the bank select
feature is selected. If the bank select feature is not selected, USR3.7 acts as a normal USR3 I/O port
pin.


Similar Part No. - 73M2910L

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
73M2901 TDK-73M2901 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
73M2901-32I3 TDK-73M2901-32I3 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
73M2901-32IH TDK-73M2901-32IH Datasheet
316Kb / 17P
   Advanced Single Chip Modem
73M2901-IG3 TDK-73M2901-IG3 Datasheet
316Kb / 17P
   Advanced Single Chip Modem
73M2901-IGT TDK-73M2901-IGT Datasheet
316Kb / 17P
   Advanced Single Chip Modem
More results

Similar Description - 73M2910L

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com