Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8117L Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK8117L
Description  Single Clock Generator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8117L Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK8117L Datasheet HTML 1Page - Asahi Kasei Microsystems AK8117L Datasheet HTML 2Page - Asahi Kasei Microsystems AK8117L Datasheet HTML 3Page - Asahi Kasei Microsystems AK8117L Datasheet HTML 4Page - Asahi Kasei Microsystems AK8117L Datasheet HTML 5Page - Asahi Kasei Microsystems AK8117L Datasheet HTML 6Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AK8117
The brand name
of AKEMD’s IC’s
DC Characteristics
All specifications at VDD: over 2.7 to 3.6V, Ta: -20 to +85
℃, Input Frequency: 27MHz,
unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
High Level Input Voltage
VIH
Pin: CLKIN, FSEL, OE
0.8VDD
V
Low Level Input Voltage
VIL
Pin: CLKIN, FSEL, OE
0.2VDD
V
Input Current 1
IL 1
Pin: CLKIN
-10
+10
μA
Input Current 2
IL 2
Pin: OE, FSEL
-10
+75
μA
High Level Output
Voltage
VOH
Pin: CLKOUT
IOH=-4mA
(VDD=3.0V, Ta=25℃)
0.8VDD
V
Low Level Output
Voltage
VOL
Pin: CLKOUT
IOL=+4mA
(VDD=3.0V, Ta=25
℃)
0.2VDD
V
Current Consumption
IDD
No load
(VDD=3.0V, Ta=25
℃)
3.3
mA
Power down current
Ipd
OE=”L”
FSEL=”L” or open
0
10
μA
AC Characteristics
All specifications at VDD: over 2.7 to 3.6V, Ta: -20 to +85
℃, Input Frequency: 27MHz,
unless otherwise noted
Parameter
Symbol
Conditions
MIN
TYP
MAX
Unit
Output Clock Duty Cycle
(2) (3)
45
50
55
%
Output Clock Rise Time
(2) (3)
trise
0.2VDD to 0.8VDD
4.0
ns
Output Clock Fall Time
(2) (3)
tfall
0.2VDD to 0.8VDD
4.0
ns
Output Clock Jitter
(2) (3)
Jit
Period, 1
σ
15
ps
Output Lock Time
(1)
tlock
Power-up
1
ms
(1) The time that output reaches the target frequency within accuracy of ±0.1% from the point that the
power supply reaches VDD
(2) With the load capacitance specified by the recommended operation conditions
(3) Design value
Feb-08
MS0555-E-02
- 4 -


Similar Part No. - AK8117L

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8117 AKM-AK8117 Datasheet
264Kb / 6P
   Single Clock Generator
More results

Similar Description - AK8117L

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8113 AKM-AK8113 Datasheet
164Kb / 6P
   Single Clock Generator
AK8116 AKM-AK8116 Datasheet
264Kb / 6P
   Single Clock Generator
AK8112 AKM-AK8112 Datasheet
46Kb / 6P
   Single Clock Generator
AK8111 AKM-AK8111 Datasheet
156Kb / 6P
   Single Clock Generator
AK8110L AKM-AK8110L Datasheet
305Kb / 7P
   Single Clock Generator
AK8110BU AKM-AK8110BU Datasheet
244Kb / 7P
   Single Clock Generator
AK8174B AKM-AK8174B Datasheet
154Kb / 6P
   Single Clock Generator
AK8172A AKM-AK8172A Datasheet
330Kb / 7P
   Single Clock Generator
AK8171A AKM-AK8171A Datasheet
479Kb / 6P
   Single Clock Generator
AK8118 AKM-AK8118 Datasheet
281Kb / 6P
   Single Clock Generator
AK8114 AKM-AK8114 Datasheet
155Kb / 6P
   Single Clock Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com