Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB20100CTT4G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRB20100CTT4G
Description  SWITCHMODE Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB20100CTT4G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRB20100CTT4G Datasheet HTML 1Page - ON Semiconductor MBRB20100CTT4G Datasheet HTML 2Page - ON Semiconductor MBRB20100CTT4G Datasheet HTML 3Page - ON Semiconductor MBRB20100CTT4G Datasheet HTML 4Page - ON Semiconductor MBRB20100CTT4G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBRB20100CTG, NRVBB20100CTT4G, NRVBBS20100CTT4G
http://onsemi.com
3
Figure 1. Typical Forward Voltage Per Diode
Figure 2. Typical Reverse Current Per Diode
Figure 3. Typical Current Derating, Case, Per Leg
0.5
0
vF, INSTANTANEOUS VOLTAGE (VOLTS)
1
3
5
10
20
50
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
TJ = 25°C
100
°C
150
°C
125
°C
0
AVERAGE CURRENT (AMPS)
0
2
4
6
8
10
12
14
16
18
20
2
4
6
8
10
12
14
16
18
20
TJ = 125°C
DC
IPK/IAV = 10
IPK/IAV = 20
PI
IPK/IAV = 5
SQUARE
WAVE
Figure 4. Average Power Dissipation & Average Current
80
TC, CASE TEMPERATURE (°C)
15
0
100
120
140
160
SQUARE WAVE
dc
10
20
RATED VOLTAGE APPLIED
RqJC = 2°C/W
180
5.0
VR, REVERSE VOLTAGE (VOLTS)
0
20
40
60
80
0.1
1.0
10
TJ = 150°C
125
°C
100
°C
0.01
25
°C
100
0.0001
0.001


Similar Part No. - MBRB20100CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB20100CTT4G ONSEMI-MBRB20100CTT4G Datasheet
61Kb / 4P
   SWITCHMODE??Power Rectifier D2PAK Surface Mount Power Package
February, 2006 ??Rev. 6
MBRB20100CTT4G ONSEMI-MBRB20100CTT4G Datasheet
133Kb / 4P
   SWITCHMODE Power Rectifier
May, 2009 ??Rev. 8
logo
Rectron Semiconductor
MBRB20100CTT4G RECTRON-MBRB20100CTT4G Datasheet
201Kb / 4P
   D2PAK Surface Mount Power Package SCHOTTKY BARRIER RECTIFIER 20 AMPERES 100 VOLTS
2022-04/23 REV:A
More results

Similar Description - MBRB20100CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MBRB30H60CT-1G ONSEMI-MBRB30H60CT-1G_12 Datasheet
170Kb / 10P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com