Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRF30H60CTG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBRF30H60CTG
Description  SWITCHMODE Power Rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRF30H60CTG Datasheet(HTML) 1 Page - ON Semiconductor

  MBRF30H60CTG Datasheet HTML 1Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 2Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 3Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 4Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 5Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 6Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 7Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 8Page - ON Semiconductor MBRF30H60CTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
 Semiconductor Components Industries, LLC, 2012
January, 2012 − Rev. 10
1
Publication Order Number:
MBRB30H60CT/D
MBRB30H60CT-1G,
MBR30H60CTG,
MBRF30H60CTG,
MBRB30H60CTT4G,
NRVBB30H60CTT4G,
MBRJ30H60CTG
SWITCHMODE
Power Rectifier
60 V, 30 A
Features and Benefits
Low Forward Voltage
Low Power Loss/High Efficiency
High Surge Capacity
175C Operating Junction Temperature
30 A Total (15 A Per Diode Leg)
Guard−Ring for Stress Protection
AEC−Q101 Qualified and PPAP Capable
NRVBB Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements
These are Pb−Free Devices*
Applications
Power Supply − Output Rectification
Power Management
Instrumentation
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight (Approximately): 1.5 Grams (I2PAK)
Weight (Approximately): 1.7 Grams (D2PAK)
Weight (Approximately): 1.9 Grams (TO−220 and TO−220FP)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260C Max. for 10 Seconds
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SCHOTTKY BARRIER
RECTIFIERS
30 AMPERES, 60 VOLTS
1
3
2, 4
http://onsemi.com
I2PAK (TO−262)
CASE 418D
PLASTIC
STYLE 3
3
4
1 2
TO−220
CASE 221A
PLASTIC
STYLE 6
3
1
2
4
TO−220
CASE 221D
STYLE 3
D2PAK
CASE 418B
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING AND MARKING INFORMATION
TO−220
CASE 221AH


Similar Part No. - MBRF30H60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRF30H60CTG ONSEMI-MBRF30H60CTG Datasheet
73Kb / 7P
   SWITCHMODE Power Rectifier 60 V, 30 A
March, 2007 ??Rev. 3
MBRF30H60CTG ONSEMI-MBRF30H60CTG Datasheet
167Kb / 9P
   SWITCHMODE??Power Rectifier
January, 2010 ??Rev. 8
More results

Similar Description - MBRF30H60CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com