Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB30H60CTT4G Datasheet(PDF) 5 Page - ON Semiconductor

Part # MBRB30H60CTT4G
Description  SWITCHMODE Power Rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRB30H60CTT4G Datasheet(HTML) 5 Page - ON Semiconductor

  MBRB30H60CTT4G Datasheet HTML 1Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 2Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 3Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 4Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 5Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 6Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 7Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 8Page - ON Semiconductor MBRB30H60CTT4G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MBRB30H60CT−1G, MBR30H60CTG, MBRF30H60CTG, MBRB30H60CTT4G,
NRVBB30H60CTT4G, MBRJ30H60CTG
http://onsemi.com
5
MERCURY
SWITCH
VD
ID
DUT
10 mH COIL
+VDD
IL
S1
BVDUT
IL
ID
VDD
t0
t1
t2
t
Figure 11. Test Circuit
Figure 12. Current−Voltage Waveforms
The unclamped inductive switching circuit shown in
Figure 11 was used to demonstrate the controlled avalanche
capability of this device. A mercury switch was used instead
of an electronic switch to simulate a noisy environment
when the switch was being opened.
When S1 is closed at t0 the current in the inductor IL ramps
up linearly; and energy is stored in the coil. At t1 the switch
is opened and the voltage across the diode under test begins
to rise rapidly, due to di/dt effects, when this induced voltage
reaches the breakdown voltage of the diode, it is clamped at
BVDUT and the diode begins to conduct the full load current
which now starts to decay linearly through the diode, and
goes to zero at t2.
By solving the loop equation at the point in time when S1
is opened; and calculating the energy that is transferred to
the diode it can be shown that the total energy transferred is
equal to the energy stored in the inductor plus a finite amount
of energy from the VDD power supply while the diode is in
breakdown (from t1 to t2) minus any losses due to finite
component resistances. Assuming the component resistive
elements are small Equation (1) approximates the total
energy transferred to the diode. It can be seen from this
equation that if the VDD voltage is low compared to the
breakdown voltage of the device, the amount of energy
contributed by the supply during breakdown is small and the
total energy can be assumed to be nearly equal to the energy
stored in the coil during the time when S1 was closed,
Equation (2).
WAVAL [
1
2
LI
2
LPK
BVDUT
BVDUTVDD
WAVAL [
1
2
LI
2
LPK
EQUATION (1):
EQUATION (2):


Similar Part No. - MBRB30H60CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRB30H60CTT4G ONSEMI-MBRB30H60CTT4G Datasheet
167Kb / 9P
   SWITCHMODE??Power Rectifier
January, 2010 ??Rev. 8
More results

Similar Description - MBRB30H60CTT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR3045PT ONSEMI-MBR3045PT Datasheet
64Kb / 4P
   SWITCHMODE Power Rectifier
February, 2006 ??Rev. 3
MBRD835L ONSEMI-MBRD835L_10 Datasheet
113Kb / 5P
   SWITCHMODE Power Rectifier
July, 2010 ??Rev. 9
MBR3045ST ONSEMI-MBR3045ST_11 Datasheet
106Kb / 5P
   SWITCHMODE??Power Rectifier
January, 2011 ??Rev. 8
MBR7030WT ONSEMI-MBR7030WT_10 Datasheet
123Kb / 4P
   SWITCHMODE Power Rectifier
March, 2010 ??Rev. 3
MURF1660CT ONSEMI-MURF1660CT_07 Datasheet
83Kb / 4P
   SWITCHMODE Power Rectifier
June, 2007 - Rev. 5
MURD620CT ONSEMI-MURD620CT_11 Datasheet
101Kb / 4P
   SWITCHMODE Power Rectifier
January, 2011 ??Rev. 9
NRVBB4030T4G ONSEMI-NRVBB4030T4G Datasheet
144Kb / 6P
   SWITCHMODE Power Rectifier
January, 2012 ??Rev. 7
MBR16100CT ONSEMI-MBR16100CT Datasheet
124Kb / 5P
   SWITCHMODE Power Rectifier
May, 2008 ??Rev. 5
MBRB3030CTL ONSEMI-MBRB3030CTL Datasheet
91Kb / 8P
   SWITCHMODE Power Rectifier
August, 2005 ??Rev. 6
MUR220 ONSEMI-MUR220 Datasheet
52Kb / 6P
   SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com