Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIR618DP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SIR618DP
Description  N-Channel 200 V (D-S) MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIR618DP Datasheet(HTML) 3 Page - Vishay Siliconix

  SIR618DP Datasheet HTML 1Page - Vishay Siliconix SIR618DP Datasheet HTML 2Page - Vishay Siliconix SIR618DP Datasheet HTML 3Page - Vishay Siliconix SIR618DP Datasheet HTML 4Page - Vishay Siliconix SIR618DP Datasheet HTML 5Page - Vishay Siliconix SIR618DP Datasheet HTML 6Page - Vishay Siliconix SIR618DP Datasheet HTML 7Page - Vishay Siliconix SIR618DP Datasheet HTML 8Page - Vishay Siliconix SIR618DP Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SiR618DP
www.vishay.com
Vishay Siliconix
S16-0999-Rev. A, 23-May-16
3
Document Number: 67747
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
10
100
1000
10000
0
10
20
30
40
50
0369
12
15
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 7 V
V
GS = 6 V
V
GS = 4 V
V
GS = 5 V
10
100
1000
10000
0
0.04
0.08
0.12
0.16
0.2
0
8
16
24
32
40
48
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 7.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0369
12
15
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
V
DS = 150 V
V
DS = 50 V
V
DS = 100 V
I
D = 8 A
10
100
1000
10000
0
7
14
21
28
35
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
250
500
750
1000
1250
0
20406080
100
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0.5
1.0
1.5
2.0
2.5
-50
-25
0
255075
100
125
150
Axis Title
T
J - Junction Temperature (°C)
2nd line
I
D = 8 A
V
GS = 10 V
V
GS = 7.5 V


Similar Part No. - SIR618DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIR610DP VISHAY-SIR610DP Datasheet
416Kb / 13P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SIR610DP-T1-RE3 VISHAY-SIR610DP-T1-RE3 Datasheet
416Kb / 13P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
SIR616DP VISHAY-SIR616DP Datasheet
421Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
SIR616DP VISHAY-SIR616DP_V01 Datasheet
420Kb / 13P
   N-Channel 200 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIR618DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 23-May-16
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
   N-Channel 200 V (D-S) MOSFET
Rev. A, 04-Jul-16
logo
Analog Power
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
   N-Channel 200-V (D-S) MOSFET
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 24-Nov-03
logo
Analog Power
AM7202N ANALOGPOWER-AM7202N Datasheet
366Kb / 5P
   N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
   N-Channel 200-V (D-S) MOSFET
Rev. B, 14-Apr-08
logo
VBsemi Electronics Co.,...
VBMB1203M VBSEMI-VBMB1203M Datasheet
1Mb / 8P
   N-Channel 200 V (D-S) MOSFET
IRF630MFP VBSEMI-IRF630MFP Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com