Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRS3200T3G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBRS3200T3G
Description  Surface Mount Schottky Power Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBRS3200T3G Datasheet(HTML) 3 Page - ON Semiconductor

  MBRS3200T3G Datasheet HTML 1Page - ON Semiconductor MBRS3200T3G Datasheet HTML 2Page - ON Semiconductor MBRS3200T3G Datasheet HTML 3Page - ON Semiconductor MBRS3200T3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MBRS3200T3G, NRVBS3200T3G
http://onsemi.com
3
1.0E−09
160
0
20
40
60
80 100
VR, REVERSE VOLTAGE (V)
Figure 3. Typical Reverse Current
120 140
180 200
TA = 25°C
TA = 150°C
TA = 100°C
1.0E−08
1.0E−07
1.0E−06
1.0E−05
1.0E−04
1.0E−02
1.0E−09
160
0
20
40
60
80 100
VR, REVERSE VOLTAGE (V)
Figure 4. Maximum Reverse Current
120 140
180 200
1.0E−05
1.0E−04
1.0E−03
1.0E−07
1.0E−02
TA = 175°C
1.0E−03
TA = 25°C
TA = 150°C
TA = 100°C
TA = 175°C
1.0E−06
1.0E−08
Figure 5. Typical Capacitance
1000
10
160
0
20
40
60
80 100
VR, REVERSE VOLTAGE (V)
100
120 140
180 200
TC = 25°C
f = 1 MHz
Typical Capacitance
at 0 V = 209 V
0
150
80 90 100 110 120
TL, LEAD TEMPERATURE (°C)
Figure 6. Current Derating − Lead
130 140
180
1
2
3
4
6
7
5
SQUARE WAVE
dc
Figure 7. Forward Power Dissipation
5
0
4
01
2
3
IO, AVERAGE FORWARD CURRENT (A)
2.5
56
0.5
1
1.5
2
4.5
3
3.5
4
SQUARE WAVE
dc
160 170
RqJL = 13°C/W


Similar Part No. - MBRS3200T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS3200T3G ONSEMI-MBRS3200T3G Datasheet
52Kb / 4P
   Surface Mount Schottky Power Rectifier
August, 2005 ??Rev. 3
MBRS3200T3G ONSEMI-MBRS3200T3G Datasheet
96Kb / 4P
   Surface Mount Schottky Power Rectifier
June, 2012 ??Rev. 5
More results

Similar Description - MBRS3200T3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRA140 ONSEMI-MBRA140 Datasheet
72Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 5
MBRS2040LT3 ONSEMI-MBRS2040LT3 Datasheet
96Kb / 6P
   Surface Mount Schottky Power Rectifier
December, 2003 ??Rev. 3
SS24 ONSEMI-SS24 Datasheet
64Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRA210LT3 ONSEMI-MBRA210LT3 Datasheet
46Kb / 8P
   Surface Mount Schottky Power Rectifier
December, 2002 - Rev. 3
MBRA340T3 ONSEMI-MBRA340T3 Datasheet
49Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2004 ??Rev. 2
MBRA120LT3 ONSEMI-MBRA120LT3 Datasheet
42Kb / 4P
   Surface Mount Schottky Power Rectifier
April, 2002 ??Rev. 1
MBR140SFT1 ONSEMI-MBR140SFT1 Datasheet
61Kb / 6P
   Surface Mount Schottky Power Rectifier
September, 2003 ??Rev. 2
MBR120ESFT1 ONSEMI-MBR120ESFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBR120LSFT1 ONSEMI-MBR120LSFT1_05 Datasheet
62Kb / 6P
   Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 2
MBRS540T3 ONSEMI-MBRS540T3_05 Datasheet
65Kb / 5P
   Surface Mount Schottky Power Rectifier
November, 2005 ??Rev. 5
logo
Motorola, Inc
MBRA140T3 MOTOROLA-MBRA140T3 Datasheet
135Kb / 4P
   Surface Mount Schottky Power Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com