Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-51591NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PE-51591NL
Description  THT Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-51591NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PE-51591NL_15 Datasheet HTML 1Page - Pulse A Technitrol Company PE-51591NL_15 Datasheet HTML 2Page - Pulse A Technitrol Company PE-51591NL_15 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P635.B (02/15)
1
pulseelectronics.com
THT Power Inductors
Toroid - Vertical, Low Profile and Klipmount™
Available in vertical, low profile and Klipmount™
SMPS averaging filter
Characterized for general purpose use and ripple filters
Single-layer designs
Can be used as differential mode inductors in EMI filters
Electrical Specifications @ 25°C - O perating Temperature -40°C to 130°C
Vertical
Part
Number
Low Profile
Part
Number
Inductance
Typical
(µH)
IDC
(AMPS)
Energy
Storage
(µJ)
Inductance
No DC (µH)
(±20%)
20 kHz
Test mV
No DC
DCR
(
Ω MAX)
Coil
Size
Code
Klip*
Mount
Package
Lead
Diameter
(in ± .003)
PE-51591NL
20
2.0
52
40
32.8
33
.060
H
.020
PE-92100NL
25
2.6
30
85
20.7
22
.043
A
KM1
.020
PE-92101NL PE-92401NL
50
2.6
50
169
45.7
45
.071
B
KM2
.020
PE-92102NL PE-92402NL
100
2.6
90
338
94.1
90
.100
C
KM3
.020
PE-92103NL
35
2.6
55
118
28.4
36
.037
B
KM2
.025
PE-92104NL PE-92404NL
70
3.0
85
315
61.0
73
.052
C
KM3
.025
PE-92105NL PE-92405NL
145
3.0
140
653
141.8
140
.087
D
KM4
.025
PE-92106NL
285
3.0
300
1283
264.1
340
.140
E
KM5
.025
PE-92107NL
450
3.0
425
2025
436.3
500
.200
F
.025
PE-92108NL PE-92408NL
67
3.6
130
648
90.7
110
.045
D
KM4
.032
PE-92109NL
165
4.0
240
1320
152.0
260
.070
E
KM5
.032
PE-92110NL
270
4.0
350
2160
263.9
400
.100
F
.032
PE-92111NL
40
4.0
70
320
37.9
57
.027
C
KM3
.032
PE-51590NL
22
5.0
44
275
20.3
37
.020
G
.032
PE-92112NL
PE-92412NL
100
5.0
200
1250
90.7
180
.034
E
KM5
.042
PE-92113NL
170
5.0
300
2125
159.7
310
.050
F
.042
PE-92114NL PE-92414NL
35.6
5.0
100
688
55.6
88
.023
D
KM4
.042
PE-92115NL
95
7.0
225
2328
96.0
200
.025
F
.051
PE-92116NL PE-92416NL
55
7.0
150
1348
49.1
100
.017
E
KM5
.051
PE-92117NL
55
10.0
175
2750
55.9
120
.013
F
.064
* Parts available with KlipMount option can be ordered by adding a “K” suffix to the part number (i.e. PE-92100K).
Reference Operating Values
Design Control Values
ET
(V-µSec)
OP
5
4
1
6
3


Similar Part No. - PE-51591NL_15

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-51591NL PULSE-PE-51591NL Datasheet
100Kb / 2P
   Toroid - Vertical, Low Profile and KlipMount
More results

Similar Description - PE-51591NL_15

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-92101NL PULSE-PE-92101NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PG0122NL PULSE-PG0122NL Datasheet
414Kb / 2P
   THT Power Inductors
P1715L PULSE-P1715L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PG0036NL PULSE-PG0036NL Datasheet
123Kb / 2P
   THT POWER INDUCTORS
PE-92102NL PULSE-PE-92102NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92112K PULSE-PE-92112K Datasheet
115Kb / 3P
   THT POWER INDUCTORS
PE-92116K PULSE-PE-92116K Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92414NL PULSE-PE-92414NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92103NL PULSE-PE-92103NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
PE-92117NL PULSE-PE-92117NL Datasheet
100Kb / 2P
   THT POWER INDUCTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com