Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD6039T4 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MJD6039T4
Description  Darlington Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD6039T4 Datasheet(HTML) 2 Page - ON Semiconductor

  MJD6039T4 Datasheet HTML 1Page - ON Semiconductor MJD6039T4 Datasheet HTML 2Page - ON Semiconductor MJD6039T4 Datasheet HTML 3Page - ON Semiconductor MJD6039T4 Datasheet HTML 4Page - ON Semiconductor MJD6039T4 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MJD6039, NJVMJD6039T4G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
6.25
C/W
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
71.4
C/W
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
(IC = 30 mAdc, IB = 0)
VCEO(sus)
80
Vdc
Collector−Cutoff Current
(VCE = 40 Vdc, IB = 0)
ICEO
10
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 1 Adc, VCE = 4 Vdc)
(IC = 2 Adc, VCE = 4 Vdc)
hFE
1000
500
Collector−Emitter Saturation Voltage
(IC = 2 Adc, IB = 8 mAdc)
VCE(sat)
2.5
Vdc
Base−Emitter On Voltage
(IC = 2 Adc, VCE = 4 Vdc)
VBE(on)
2.8
Vdc
DYNAMIC CHARACTERISTICS
Small−Signal Current Gain
(IC = 0.75 Adc, VCE = 10 Vdc, f = 1 kHz)
hfe
25
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
Cob
100
pF
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
0.04
0.2
2
0.1
0.06
0.4
1
4
IC, COLLECTOR CURRENT (AMP)
VCC = 30 V
IC/IB = 250
2
1
0.8
0.6
0.4
0.2
ts
tf
Figure 1. Switching Times Test Circuit
Figure 2. Switching Times
tr
IB1 = IB2
TJ = 25C
td @ VBE(off) = 0
PNP
NPN
4
0.6
V2
APPROX
+8 V
0
 8 k
SCOPE
VCC
-30 V
RC
51
FOR td AND tr, D1 IS DISCONNECTED
AND V2 = 0
FOR NPN TEST CIRCUIT REVERSE ALL POLARITIES.
25
ms
tr, tf  10 ns
DUTY CYCLE = 1%
+ 4 V
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPE, e.g.:
1N5825 USED ABOVE IB  100 mA
MSD6100 USED BELOW IB  100 mA
V1
APPROX
-12 V
TUT
RB
D1
 120


Similar Part No. - MJD6039T4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD6039T4 MOTOROLA-MJD6039T4 Datasheet
270Kb / 6P
   SILICON POWER TRANSISTORS 4 AMPERES 80 VOLTS 20 WATTS
logo
ON Semiconductor
MJD6039T4 ONSEMI-MJD6039T4 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJD6039T4G ONSEMI-MJD6039T4G Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
More results

Similar Description - MJD6039T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD6039 ONSEMI-MJD6039 Datasheet
80Kb / 5P
   Darlington Power Transistors
January, 2006 ??Rev. 4
MJE5740 ONSEMI-MJE5740 Datasheet
216Kb / 6P
   POWER DARLINGTON TRANSISTORS
REV 1
logo
List of Unclassifed Man...
GE10015 ETC-GE10015 Datasheet
183Kb / 1P
   Darlington Power Transistors
logo
NEC
2SD1296 NEC-2SD1296 Datasheet
151Kb / 1P
   Darlington Power Transistors
logo
List of Unclassifed Man...
BD684 ETC-BD684 Datasheet
192Kb / 3P
   SILICON DARLINGTON POWER TRANSISTORS
logo
ON Semiconductor
MJE700 ONSEMI-MJE700 Datasheet
256Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY
1995 REV 3
logo
TAITRON Components Inco...
TIP100 TAITRON-TIP100 Datasheet
240Kb / 4P
   Darlington Power Transistors (NPN)
logo
NXP Semiconductors
BDT64 PHILIPS-BDT64 Datasheet
487Kb / 15P
   SILICON DARLINGTON POWER TRANSISTORS
August 1988
logo
Comset Semiconductor
BD643 COMSET-BD643 Datasheet
336Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
BD644 COMSET-BD644 Datasheet
369Kb / 5P
   SILICON DARLINGTON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com