Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1153ADS19 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AP1153ADS19
Description  14V Input / 100mA Output LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1153ADS19 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AP1153ADS19 Datasheet HTML 1Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 2Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 3Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 4Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1153ADS19 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
[AP1153ADSXX]
015000869-E-00
- 4 -
2015/01
6. Ordering Information
AP1153ADSXX
Ta = -40 to 85°C
SOT23-5
Output Voltage Code
For product name, please check the below chart. Please contact your authorized ASAHI KASEI
MICRODEVICES representative for voltage availability.
AP1153ADSXX
Table 1. Standard Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
18
1.8
28
2.8
33
3.3
21
2.1
30
3.0
50
5.0
Table 2. Optional Voltage Version, Output Voltage & Voltage Code
XX
VOUT
XX
VOUT
XX
VOUT
XX
VOUT
13
1.3
24
2.4
36
3.6
45
4.5
14
1.4
25
2.5
37
3.7
46
4.6
15
1.5
26
2.6
38
3.8
47
4.7
16
1.6
27
2.7
39
3.9
48
4.8
17
1.7
29
2.9
40
4.0
49
4.9
19
1.9
31
3.1
41
4.1
-
-
20
2.0
32
3.2
42
4.2
-
-
22
2.2
34
3.4
43
4.3
-
-
23
2.3
35
3.5
44
4.4
-
-
Output voltage code


Similar Part No. - AP1153ADS19

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1153ADS19 HUAXINAN-AP1153ADS19 Datasheet
1Mb / 29P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1153ADS19 AKM-AP1153ADS19 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Similar Description - AP1153ADS19

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com