Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBD330T1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBD330T1G
Description  MMBD330T1G
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD330T1G Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD330T1G Datasheet HTML 1Page - ON Semiconductor MMBD330T1G Datasheet HTML 2Page - ON Semiconductor MMBD330T1G Datasheet HTML 3Page - ON Semiconductor MMBD330T1G Datasheet HTML 4Page - ON Semiconductor MMBD330T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 6
1
Publication Order Number:
MMBD330T1/D
MMBD330T1G,
SMMBD330T1G,
MMBD770T1G,
SMMBD770T1G
Schottky Barrier Diodes
Schottky barrier diodes are designed primarily for high−efficiency
UHF and VHF detector applications. Readily available to many other
fast switching RF and digital applications. They are housed in the
SOT−323/SC−70 package which is designed for low−power surface
mount applications.
Features
Extremely Low Minority Carrier Lifetime
Very Low Capacitance
Low Reverse Leakage
Available in 8 mm Tape and Reel
AEC Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MMBD330T1G, SMMBD330T1G
MMBD770T1G, SMMBD770T1G
VR
30
70
Vdc
Forward Continuous Current (DC)
IF
200
mA
Nonrepetitive Peak Forward Current
(Note 1)
IFSM
1.0
A
Forward Power Dissipation
TA = 25C
PF
120
mW
Junction Temperature
TJ
−55 to +125
C
Storage Temperature Range
Tstg
−55 to +150
C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
RecommendedOperating Conditions may affect device reliability.
1. 60 Hz Halfsine.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques Reference
Manual, SOLDERRM/D.
*Date Code orientation may vary depending
upon the manufacturing location.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MARKING DIAGRAMS
SC−70/SOT−323
CASE 419
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMBD770T1G
SC−70
(Pb−Free)
3,000/Tape & Reel
13
MMBD330T1G
SC−70
(Pb−Free)
3,000/Tape & Reel
XX M G
G
1
XX
= Specific Device Code
4T
= MMBD330T1
5H
= MMBD770T1
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
SMMBD330T1G
SC−70
(Pb−Free)
3,000/Tape & Reel
SMMBD770T1G
SC−70
(Pb−Free)
3,000/Tape & Reel


Similar Part No. - MMBD330T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBD330T1G ONSEMI-MMBD330T1G Datasheet
131Kb / 4P
   Schottky Barrier Diodes
October, 2010 -- Rev. 5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com