Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0077.401NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PG0077.401NL
Description  PG0077.401NL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0077.401NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PG0077.401NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0077.401NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
63
SPM2007 (11/07)
SMT POWER INDUCTORS
Flat Coils - PG0077NL and PG0084NL Series
Notes from Tables
1. The temperature of the component (ambient plus temperature rise) must
be within the standard operating temperature range.
2. Inductance at Irated is a typical inductance value for the component taken
at rated current.
3. The rated current listed is the lower of the saturation current @ 25°C or
the heating current.
4. The saturation current, ISAT, is the current at which the component
inductance drops by 20% (typical) at an ambient temperature of 25°C.
This current is determined by placing the component in the specified
ambient environment and applying a short duration pulse current (to
eliminate self-heating effects) to the component.
5. The heating current, IDC, is the DC current required to raise the
component temperature by approximately 40°C. The heating current is
determined by mounting the component on a typical PCB and applying
current for 30 minutes. The temperature is measured by placing the ther-
mocouple on top of the unit under test. Take note that the component’s
performance varies depending on the system condition. It is suggested
that the component be tested at the system level, to verify the
temperature rise of the component during system operation.
6. Core loss approximation is based on published core data:
Core Loss = K1 * (f)1.035 * (K2
ΔI)2.263
Where: Core Loss = in Watts
f = switching frequency in kHz
K1 & K2 = core loss factors
ΔΔI = delta I across the component in Ampere
K2
ΔΔI = one half of the peak to peak flux density
across the component in Gauss
7. Unless otherwise specified, all testing is made at 100kHz, 0.1VAC.
8. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. PG0077.401NL becomes PG0077.401NLT). Pulse
complies to industry standard tape and reel specification EIA481.
9. The "NL" suffix indicates an RoHS-compliant part number. Non-NL suffixed
parts are not necessarily RoHS compliant, but are electrically and
mechanically equivalent to NL versions. If a part number does not have the
"NL" suffix, but an RoHS compliant version is required, please contact
Pulse for availability.
Inductance vs Current Characteristics
PG0077.202
PG0077.801
PG0077.401
PG0077.142
PG0077.282
BIAS CURRENT (A)
0
0.5
1.5
2.0
2.5
3.0
1.0
PG0077 Series
PG0084.651
PG0084.351
PG0084.112
BIAS CURRENT (A)
0
0.4
1.2
1.6
2.0
2.4
0.8
PG0084 Series
2.8


Similar Part No. - PG0077.401NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0077.401NL PULSE-PG0077.401NL Datasheet
488Kb / 3P
   SMT Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com