Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIRA72DP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIRA72DP
Description  N-Channel 40 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIRA72DP Datasheet(HTML) 2 Page - Vishay Siliconix

  SIRA72DP Datasheet HTML 1Page - Vishay Siliconix SIRA72DP Datasheet HTML 2Page - Vishay Siliconix SIRA72DP Datasheet HTML 3Page - Vishay Siliconix SIRA72DP Datasheet HTML 4Page - Vishay Siliconix SIRA72DP Datasheet HTML 5Page - Vishay Siliconix SIRA72DP Datasheet HTML 6Page - Vishay Siliconix SIRA72DP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SiRA72DP
www.vishay.com
Vishay Siliconix
S17-0011-Rev. A, 16-Jan-17
2
Document Number: 76508
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-source breakdown voltage
VDS
VGS = 0 V, ID = 250 μA
40
-
-
V
VDS temperature coefficient
V
DS/TJ
ID = 250 μA
-25
-
mV/°C
VGS(th) temperature coefficient
V
GS(th)/TJ
--5.3
-
Gate-source threshold voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.1
-
2.4
V
Gate-source leakage
IGSS
VDS = 0 V, VGS = +20, -16 V
-
-
± 100
nA
Zero gate voltage drain current
IDSS
VDS = 40 V, VGS = 0 V
-
-
1
μA
VDS = 40 V, VGS = 0 V, TJ = 55 °C
-
-
10
On-state drain current a
ID(on)
VDS  5 V, VGS = 10 V
30
-
-
A
Drain-source on-state resistance a
RDS(on)
VGS = 10 V, ID = 10 A
-
0.00285
0.00350
VGS = 4.5 V, ID = 10 A
-
0.00385
0.00480
Forward transconductance a
gfs
VDS = 10 V, ID = 10 A
-
76
-
S
Dynamic b
Input capacitance
Ciss
VDS = 20 V, VGS = 0 V, f = 1 MHz
-
3240
-
pF
Output capacitance
Coss
-
455
-
Reverse transfer capacitance
Crss
-60
-
Crss/Ciss ratio
-
0.026
0.052
Total gate charge
Qg
VDS = 20 V, VGS = 10 V, ID = 10 A
-
41.5
63
nC
VDS = 20 V, VGS = 4.5 V, ID = 10 A
-19.5
30
Gate-source charge
Qgs
-8.7
-
Gate-drain charge
Qgd
-4.2
-
Output charge
Qoss
VDS = 20 V, VGS = 0 V
-
18.5
28
Gate resistance
Rg
f = 1 MHz
0.5
1.4
2.5
Turn-on delay time
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 10 V, Rg = 1 
-10
20
ns
Rise time
tr
-20
40
Turn-off delay time
td(off)
-24
48
Fall time
tf
-7
14
Turn-on delay time
td(on)
VDD = 20 V, RL = 2 
ID  10 A, VGEN = 4.5 V, Rg = 1 
-29
58
Rise time
tr
-85
170
Turn-off delay time
td(off)
-30
60
Fall time
tf
-36
70
Drain-Source Body Diode Characteristics
Continuous source-drain diode current
IS
TC = 25 °C
-
-
25.1
A
Pulse diode forward current (tp = 100 μs)
ISM
--
150
Body diode voltage
VSD
IS = 5 A
-
0.74
1.1
V
Body diode reverse recovery time
trr
IF = 10 A, dI/dt = 100 A/μs,
TJ = 25 °C
-31
62
ns
Body diode reverse recovery charge
Qrr
-23
46
nC
Reverse recovery Fall time
ta
-15
-
ns
Reverse recovery rise time
tb
-16
-


Similar Part No. - SIRA72DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIRA72DP-T1-GE3 VISHAY-SIRA72DP-T1-GE3 Datasheet
402Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SIRA72DP VISHAY-SIRA72DP_V01 Datasheet
402Kb / 13P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SIRA72DP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2318DS VISHAY-SI2318DS Datasheet
79Kb / 4P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 18-Aug-03
SIRA58DP VISHAY-SIRA58DP Datasheet
409Kb / 13P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
SUM90N04-3M3P VISHAY-SUM90N04-3M3P Datasheet
185Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. B, 02-Dec-13
logo
Analog Power
AM2340N ANALOGPOWER-AM2340N Datasheet
326Kb / 5P
   N-Channel 40-V (D-S) MOSFET
AM90N04-01P ANALOGPOWER-AM90N04-01P Datasheet
315Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI7156DP VISHAY-SI7156DP Datasheet
108Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 09-Feb-09
SISS10DN VISHAY-SISS10DN Datasheet
330Kb / 9P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 08-Feb-16
logo
Analog Power
AM2344N ANALOGPOWER-AM2344N Datasheet
313Kb / 5P
   N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI2318CDS VISHAY-SI2318CDS Datasheet
236Kb / 10P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 04-Oct-10
SI4154DY VISHAY-SI4154DY Datasheet
91Kb / 7P
   N-Channel 40-V (D-S) MOSFET
Rev. A, 01-Jun-09
SI4446DY VISHAY-SI4446DY Datasheet
265Kb / 9P
   N-Channel 40-V (D-S) MOSFET
Rev. B, 02-Mar-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com