Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG0434.801NL Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PG0434.801NL
Description  Flat Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PG0434.801NL Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PG0434.801NL Datasheet HTML 1Page - Pulse A Technitrol Company PG0434.801NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
65
SPM2007 (11/07)
SMT POWER INDUCTORS
Flat Coils - PG0434NL Series
Notes from Tables
1. The temperature of the component (ambient plus temperature
rise) must be within the specified operating temperature range.
2. Inductance at Irated is a typical inductance value for the
component taken at rated current.
3. The rated current listed is the lower of the saturation current
@ 25°C or the heating current.
4. The saturation current, ISAT, is the current at which the
component inductance drops by 20% (typical) at an ambient
temperature of 25°C. This current is determined by placing the
component in the specified ambient environment and applying a
short duration pulse current (to eliminate self-heating effects) to
the component.
5. The heating current, IDC, is the DC current required to raise the
component temperature by approximately 40°C. The heating
current is determined by mounting the component on a typical
PCB and applying current for 30 minutes. The temperature is
measured by placing the thermocouple on top of the unit under
test. Take note that the component’s performance varies
depending on the system condition. It is suggested that the
component be tested at the system level, to verify the tempera-
ture rise of the component during system operation.
6. Core loss approximation is based on published core data:
Core Loss = K1 * (f)1.33 * (K2
ΔI)2.51
Where: Core Loss = in Watts
K1= 1.05E-10
f = switching frequency in kHz
K1 & K2 = core loss factors
ΔΔI = delta I across the component in Ampere
K2
ΔΔI = one half of the peak to peak flux density
across the component in Gauss
7.
Unless otherwise specified, all testing is made at
100kHz, 0.1VAC.
8.
Optional Tape & Reel packaging can be ordered by adding a "T"
suffix to the part number (i.e. PG0434.401NL becomes
PG0434.401NLT). Pulse complies to industry standard tape and
reel specification EIA481.
Typical Inductance vs Current Characteristics @ 25°C
Typical Core Loss vs Peak Flux Density
DC BIAS (A)
PG0434.282NL
1 3 5 7 9 11 1315 17192123 25272931 33353739 414345 47495153 555759 61
0.0
0.3
0.5
0.8
1.0
1.3
1.5
1.8
2.0
2.3
2.5
2.8
3.0
PG0434.202NL
PG0434.142NL
PG0434.801NL
PG0434.401NL
PG0434.181NL
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
200
400
600
700
900
1000
DB (Gauss) where DB = K2DI
1.0
MHz
100
kHz
500
kHz
400
kHz
300
kHz
200
kHz
2.50
300
500
800
100


Similar Part No. - PG0434.801NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0434.801NL PULSE-PG0434.801NL Datasheet
418Kb / 3P
   SMT Power Inductors
More results

Similar Description - PG0434.801NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PG0277.401NL PULSE-PG0277.401NL Datasheet
88Kb / 2P
   Flat Coils
PG0006.601NL PULSE-PG0006.601NL Datasheet
215Kb / 2P
   Flat Coils
logo
Allied Components Inter...
RFC20 ALLIED-RFC20 Datasheet
895Kb / 1P
   Radial Flat Coils
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
   Flat Coils - Radial
logo
Allied Components Inter...
RFC20-1R0K-RC ALLIED-RFC20-1R0K-RC Datasheet
894Kb / 1P
   Radial Flat Coils
logo
RCD COMPONENTS INC.
FRL1ER-R82-KBW RCD-FRL1ER-R82-KBW Datasheet
32Kb / 1P
   FLAT RADIAL LEAD INDUCTOR COILS
logo
Pulse A Technitrol Comp...
PG0426NL PULSE-PG0426NL Datasheet
88Kb / 2P
   SMT POWER INDUCTORS Flat Coils
PG0083332NLT PULSE-PG0083332NLT Datasheet
85Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0083 Series
SPM2007 PULSE-SPM2007_33 Datasheet
238Kb / 2P
   SMT POWER INDUCTORS Flat coils - PG0426NL Series
PG0077.142T PULSE-PG0077.142T Datasheet
135Kb / 2P
   SMT POWER INDUCTORS Flat Coils - PG0077 and PG0084 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com