Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1154ADL18 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AP1154ADL18
Description  14V Input / 1A Output LDO Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1154ADL18 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AP1154ADL18 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 13Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 14Page - Asahi Kasei Microsystems AP1154ADL18 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
[AP1154ADLXX]
014011332-E-01
- 11 -
2015/07
 PCL terminal current (I
PCL) vs IOut
(AP1154ADL25)
 PCL terminal current (I
PCL) vs IOut
(AP1154ADL50)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
200
400
600
800
1000
Iout(mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
200
400
600
800
1000
Iout(mA)
 I
Cont vs VCont (AP1154ADL25)
 I
Cont vs VCont (AP1154ADL50)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
Vrev(V)
0
10
20
30
40
50
60
70
80
90
100
0
2
4
6
8
10
12
14
16
Vrev(V)
 Vout vs V
Cont (AP1154ADL25)
 Vout vs V
Cont (AP1154ADL50)
0
1
2
3
4
5
6
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Vin(V)
0
1
2
3
4
5
6
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
Vin(V)
Iout [ mA ]
Iout [ mA ]
Vcont [ V ]
Vcont [ V ]
Vcont [ V ]
Vcont [ V ]


Similar Part No. - AP1154ADL18

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP1154ADL18 HUAXINAN-AP1154ADL18 Datasheet
1Mb / 32P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1154ADL18 AKM-AP1154ADL18 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
More results

Similar Description - AP1154ADL18

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADS21 AKM-AP1153ADS21 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com