Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5KE400A Datasheet(PDF) 4 Page - Diotec Semiconductor

Part # 1.5KE400A
Description  Unidirectional and bidirectional Transient Voltage Suppressor Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

1.5KE400A Datasheet(HTML) 4 Page - Diotec Semiconductor

  1.5KE400A Datasheet HTML 1Page - Diotec Semiconductor 1.5KE400A Datasheet HTML 2Page - Diotec Semiconductor 1.5KE400A Datasheet HTML 3Page - Diotec Semiconductor 1.5KE400A Datasheet HTML 4Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
169
01.01.99
Diotec
Non repetitive current pulse (10/1000µs waveform)
Höchstzulässiger Spitzenwert eines einmaligen
10/1000µs - Stromimpulses
Peak pulse power (P
) or current (I
) derating
PPM
PPM
Impulsverlustleistung oder max. Stromimpuls in
Abhängigkeit von der Umgebungstemperatur
1.5KE6.8 ... 1.5KE440A
1.5KE6.8C ... 1.5KE440CA
The order of type numbers is graded to the international E 24 standard. The standard tolerance of
the breakdown voltage for each type is ± 10%. Suffix “A” denotes a tolerance of ± 5% for the
breakdown voltage.
e.g.: 1.5KE160CA = bidirectional diode, V
= 160V (± 5%)
BR
1.5KE27A = unidirectional diode, V
= 27V (± 5%)
BR
Die Abstufung der Typen innerhalb der Reihe entspricht dem internationalen E 24-Standard. Die
Toleranz der Arbeitsspannung jedes einzelnen Typs beträgt in der Standardausführung ± 10%.
Suffix “A” kennzeichnet eine Toleranz der Arbeitsspannung von ± 5%.
z.B.: 1.5KE160CA = bidirektionale Diode, V
= 160V (± 5%)
BR
1.5KE27A = unidirektionale Diode, V
= 27V (± 5%)
BR


Similar Part No. - 1.5KE400A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1.5KE400A VISHAY-1.5KE400A Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
DAESAN ELECTRONIC CORP.
1.5KE400A DAESAN-1.5KE400A Datasheet
801Kb / 5P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
1.5KE400A TRSYS-1.5KE400A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1.5KE400A LUGUANG-1.5KE400A Datasheet
216Kb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Fairchild Semiconductor
1.5KE400A FAIRCHILD-1.5KE400A Datasheet
52Kb / 3P
   Discrete POWER & Signal Technologies
More results

Similar Description - 1.5KE400A

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
1.5KE6.8 DIOTEC-1.5KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com