Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPHS15450 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # SPHS15450
Description  Portable Radio Antennas
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPHS15450 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  SPHS15450 Datasheet HTML 1Page - Pulse A Technitrol Company SPHS15450 Datasheet HTML 2Page - Pulse A Technitrol Company SPHS15450 Datasheet HTML 3Page - Pulse A Technitrol Company SPHS15450 Datasheet HTML 4Page - Pulse A Technitrol Company SPHS15450 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8
www.pulseelectronics.com/products/antennas
Portable radio antennas
note: antennas are not to scale
SPOTS!
SPOTS!
antenna selection Guide by connector tyPe
Determineconnectortypeonthefollowingpagesandselecttheproperantennabasedonfrequency
and type below. Field tunable antennas come with a cutting chart and cap to allow for tuning to
exact frequency.
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPHL10156
150 - 162
Helical Standard 1/4
λ
8”
SPHS10156
152 - 160
Helical Short 1/4
λ
4”
SPHL10160
154 - 166
Helical Standard - 1/4
λ
8”
SPHL10160IC**
CC to 157
Helical Standard 1/4
λ
8”
SPHL10167
160 - 174
Helical Standard 1/4
λ
8”
SPHL10167IC**
CC to 167
Helical Standard 1/4
λ
8”
SPWH10420
395 - 445
Whip Standard 1/4
λ
6”
SPHS10420
403 - 437
Helical Short 1/4
λ
3”
SPWH10450
425 - 475
Whip Standard 1/4
λ
6”
SPHS10450
432 - 468
Helical Short 1/4
λ
3”
SPWH10470
450 - 490
Whip Standard 1/4
λ
6”
SPHS10470
452 - 488
Helical Short 1/4
λ
3”
SPHL10FT
Field Tunable 136 - 221
Helical Standard 1/4
λ
8”
SPWH10FT
Field Tunable 400 - 512
Whip Standard 1/4
λ
6”
** This antenna is designed with a longer “skirt” for use with newer ICOM radios.
1/4-32X3/16 - MALe stuD cOnnectOr (MX tyPe)
cODe 10
1/4-32X3/16
Male stud type mount with
skirt (MX type)
Popular Brands supported
Motorola, Kenwood, Maxon,
Midland, Wilson, G.E., Vertex
SPOTS! FreQuency color code
(see color sPot on antenna toP)
vHF
center Frequency
cOLOr
144
(138 - 150 MHz)
Gray
156
(150 - 162 MHz)
Orange
160
(154 - 166 MHz)
Green
167
(160 - 174 MHz)
Red
uHF
center Frequency
cOLOr
420
(403 - 437 MHz)
Blue
450
(432 - 468 MHz)
Yellow
470
(450 - 490 MHz)
Red
490
(470 - 510 MHz)
Green
800 / 900
center Frequency
cOLOr
832
(795 - 870 MHz)
Blue
918
(872 - 964 MHz)
Red
1800
(1710 - 1850 MHz)
Black
1900
(1850 - 1990 MHz)
Black
2400
(2400 - 2500 MHz)
Black


Similar Part No. - SPHS15450

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPHS24832 PULSE-SPHS24832 Datasheet
158Kb / 5P
   ANTENNAS
logo
Mini-Circuits
SPHSA-152 MINI-SPHSA-152 Datasheet
325Kb / 2P
   Phase Shifter
SPHSA-251 MINI-SPHSA-251 Datasheet
322Kb / 2P
   Phase Shifter
More results

Similar Description - SPHS15450

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
NXP Semiconductors
D1875 PHILIPS-D1875 Datasheet
223Kb / 4P
   portable radio
03-1987
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Mitsubishi Electric Sem...
RA07N4452M MITSUBISHI-RA07N4452M Datasheet
61Kb / 9P
   440-520MHz 7.5W 9.6V PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
60Kb / 9P
   400-470MHz 7W 7.2V PORTABLE RADIO
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com