Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPWH16FT Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # SPWH16FT
Description  Portable Radio Antennas
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SPWH16FT Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  SPWH16FT Datasheet HTML 1Page - Pulse A Technitrol Company SPWH16FT Datasheet HTML 2Page - Pulse A Technitrol Company SPWH16FT Datasheet HTML 3Page - Pulse A Technitrol Company SPWH16FT Datasheet HTML 4Page - Pulse A Technitrol Company SPWH16FT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1 800 ANTENNA (268-3662)
11
note: antennas are not to scale
Portable radio antennas
sMA F t2
SMA Female recessed insula-
tor & partial (short) skirt (SFJ
type)
Popular Brands supported
EF Johnson, Kenwood
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPWB22150
136 - 174
Helical - Standard - 1/4
λ
6.75”
SPHL22156
150 - 162
Helical - Standard - 1/4
λ
8”
SPHL22167
160 - 174
Helical - Standard - 1/4
λ
8”
SPWH22450
425 - 475
Whip - Standard - 1/4
λ
6”
SPHS22450
432 - 468
Helical - Short - 1/4
λ
3”
SPWH22470
450 - 490
Whip - Standard - 1/4
λ
6”
SPHS22470
452 - 468
Helical - Short - 1/4
λ
3”
SPHS22490
475 - 512
Helical - Short - 1/4
λ
3”
SPWH22832
782 - 882
Whip - Standard - 1/4
λ
3”
SPHS22832
800 - 864
Helical - Short - 1/4
λ
2.75”
SPWH22918
863 - 973
Whip - Standard - 1/4
λ
3”
SPHS22918
872 - 954
Helical - Short - 1/4
λ
2.75”
SPHL22FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH22FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
sMA FeMALe stAnDArD - FLusH BAse - t2 (sFJ tyPe)
cODe 22
SPOTS!
sMA F t3
SMA Female recessed insula-
tor & partial (long) skirt (SFU
type)
Popular Brands supported
Kenwood (2005 and newer
models), Uniden, King
PArt
Frequency
APPrOX
nuMBer
BAnD (MHz)
AntennA tyPe
LenGtH
SPWB23150
136 - 174
Helical - Standard - 1/4
λ
6.75”
SPHL23167
160 - 174
Helical - Standard - 1/4
λ
8”
SPWH23450
425 - 475
Whip - Standard - 1/4
λ
6”
SPHS23450
432 - 468
Helical - Short - 1/4
λ
3”
SPWH23470
450 - 490
Whip - Standard - 1/4
λ
6”
SPHS23470
452 - 488
Helical - Short - 1/4
λ
3”
SPWH23490
470 - 512
Whip - Standard - 1/4
λ
6”
SPHS23490
475 - 512
Helical - Short - 1/4
λ
3”
SPWH23832
782 - 882
Whip - Standard - 1/4
λ
3”
SPWH23918
863 - 973
Whip - Standard - 1/4
λ
3”
SPHS23918
872 - 954
Helical - Short - 1/4
λ
2.75”
SPHL23FT
Field Tunable 136 - 221
Helical - Standard - 1/4
λ
8”
SPWH23FT
Field Tunable 400 - 512
Whip - Standard - 1/4
λ
6”
sMA FeMALe stAnDArD - HALF skIrt BAse - t3 (sFu tyPe)
cODe 23


Similar Part No. - SPWH16FT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWH15FT PULSE-SPWH15FT Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
SPWH17FT PULSE-SPWH17FT Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
More results

Similar Description - SPWH16FT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
SPWH24918 PULSE-SPWH24918 Datasheet
994Kb / 4P
   PORTABLE ANTENNAS
logo
NXP Semiconductors
D1875 PHILIPS-D1875 Datasheet
223Kb / 4P
   portable radio
03-1987
logo
ITT Industries
LPCMID ITT-LPCMID Datasheet
64Kb / 1P
   Mobile Mobile Phones PDA Portable Radio Portable Satellite
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
logo
Mitsubishi Electric Sem...
RA07N4452M MITSUBISHI-RA07N4452M Datasheet
61Kb / 9P
   440-520MHz 7.5W 9.6V PORTABLE RADIO
RA07M4047M MITSUBISHI-RA07M4047M Datasheet
60Kb / 9P
   400-470MHz 7W 7.2V PORTABLE RADIO
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
   FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Silicon Laboratories
SI4710 SILABS-SI4710 Datasheet
176Kb / 2P
   FM Radio Transmitter for Portable Applications
logo
Silan Microelectronics ...
SC9318FA033 SILAN-SC9318FA033 Datasheet
469Kb / 28P
   DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com