Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK717XX Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # TK717XX
Description  LDO, IO=200mA, Bipolar, Auto Discharge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TK717XX Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  TK717XX Datasheet HTML 1Page - Asahi Kasei Microsystems TK717XX Datasheet HTML 2Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 64
2010 AUTUMN
TK717XX
LDO, IO=200mA, Bipolar, Auto Discharge
LDOレギュレータ、IO=200mA、バイポーラ、自動ディスチャージ
Feature
Auto discharge function
自動ディスチャージ機能
High accuracy
高い出力電圧精度
Low dropout voltage
低い入出力間電圧降下
Thermal and over current protection
過電流保護、過熱保護
Built-in reverse bias over current protection
逆バイアス渦電流阻止回路
Active high on/off control
アクティブハイ
on/offコントロール
Packages: SOT23-5
パッケージ
: SOT23-5
Operating Voltage Range VOP=2.1 to 14V
動作電圧範囲
VOP=2.1~14V
Operating Temp. Range TOP=-40 to +85°C
動作温度範囲
TOP=-40~+85°C
Electrical Characteristics
Part Name
Ch
VOP
VOUT
IOUT
VDROP
Package
IQ
R.R.
TK717XX
1ch
2.1 to 14V
1.5 to 5V
200
mA
163mV
SOT23-5
72μA
-80dB
Ordering Guide, Marking
Part Name
Ordering Name
Marking
Description
Order
Size
TK717XX
TK717**SCL-G
xxK
TK717**: Part Name
M: SOT23-5 Package
C: TA=+25°C
L: Tape&Reel, Left
-G: PB-Free
3,000
pcs.
/Reel
TK717XX
TK717**SIL-G
xxK
TK717**: Part Name
S: SOT23-5 Package
I: TA=-40 to +85°C
L: Tape&Reel, Left
-G: PB-Free
3,000
pcs.
/Reel
* “**”, in ordering name, means voltage code. For example, “33” shows 3.3V.
オーダリング名中の
“**”は電圧コードを示しています。例えば”33”は3.3Vを示します。


Similar Part No. - TK717XX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
TK717XX AKM-TK717XX Datasheet
266Kb / 2P
   LDO, IO=200mA, Bipolar, Auto Discharge
TK717XX AKM-TK717XX Datasheet
266Kb / 2P
   LDO, IO=200mA, Bipolar, Auto Discharge
More results

Similar Description - TK717XX

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
TK71750SIL AKM-TK71750SIL Datasheet
266Kb / 2P
   LDO, IO=200mA, Bipolar, Auto Discharge
TK71733SCL AKM-TK71733SCL Datasheet
266Kb / 2P
   LDO, IO=200mA, Bipolar, Auto Discharge
logo
New Japan Radio
NJW4104 NJRC-NJW4104 Datasheet
786Kb / 21P
   45V Io=200mA Ultra low Quiescent current LDO
Ver.1.0
logo
Mitsumi Electronics, Co...
MM1856 MITSUMI-MM1856 Datasheet
243Kb / 21P
   200mA LDO
MM1836 MITSUMI-MM1836 Datasheet
222Kb / 19P
   200mA LDO
MM3566 MITSUMI-MM3566 Datasheet
200Kb / 23P
   200mA LDO
MM3411 MITSUMI-MM3411 Datasheet
283Kb / 24P
   200mA LDO
logo
Linear Technology
LT3063 LINER-LT3063_15 Datasheet
1Mb / 20P
   45V VIN, Micropower, Low Noise, 200mA LDO with Output Discharge
logo
Microchip Technology
TC1266 MICROCHIP-TC1266 Datasheet
519Kb / 16P
   200mA PCI LDO
2002
logo
YOBON TECHNOLOGIES,INC.
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com