Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFC3K Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # RFC3K
Description  0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

RFC3K Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  RFC3K Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD RFC3K Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFC2K THRU RFC4K
0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 2 / 2
Fig 1
Fig 2
TYPICAL FORWARD CURRENT
DERATING CURVE
MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
AMBIENT TEMPERATURE, (°C )
NUMBER OF CYCLES AT 60Hz
Fig 3
Fig 4
TYPICAL REVERSE CHARACTERISTICS
REVERSE RECOVERY MEASUREMENT WAVEFORM
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
Typical data capture points: IF =0.5IR , IR,IRR =0.25IR
IR is typically the rated average forward current maximum
(IFAVM) of the D.U.T
PACKING INSTRUCTIONS:
Carton: L255mm x H145mm x W78mm ,
5,000pcs tape in the box.


Similar Part No. - RFC3K

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
RFC3K CHONGQING-RFC3K Datasheet
39Kb / 1P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
RFC3K CHONGQING-RFC3K Datasheet
176Kb / 1P
   0.2AMPS. HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
More results

Similar Description - RFC3K

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
RFC3K GETEDZ-RFC3K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
RFC5K GETEDZ-RFC5K Datasheet
549Kb / 2P
   0.2A 2kV~4kV 500nS--High voltage fast recovery rectifier diode
logo
Shenzhen Luguang Electr...
R3500 LUGUANG-R3500 Datasheet
2Mb / 3P
   0.2A Fast Recovery High Voltage Rectifier
logo
Semtech Corporation
2T2KF SEMTECH-2T2KF Datasheet
36Kb / 2P
   2KV Diode, Axial Leaded Fast Recovery Rectifier Diodes
logo
TAITRON Components Inco...
GF235 TAITRON-GF235 Datasheet
136Kb / 4P
   0.2A High Voltage Fast Recovery Rectifiers
GF225 TAITRON-GF225 Datasheet
128Kb / 4P
   0.2A High Voltage Fast Recovery Rectifiers
logo
EIC discrete Semiconduc...
BY8004 EIC-BY8004 Datasheet
83Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
BY8006 EIC-BY8006 Datasheet
69Kb / 2P
   FAST RECOVERY HIGH VOLTAGE RECTIFIER DIODE
logo
GETAI ELECTRONICS DEVIC...
R4000F GETEDZ-R4000F_16 Datasheet
296Kb / 2P
   200mA 4.0kV 500nS-HIGH VOLTAGE DIODE
R3000F GETEDZ-R3000F_16 Datasheet
296Kb / 2P
   200mA 3.0kV 500nS-HIGH VOLTAGE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com