Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPM-5201-TR1 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPM-5201-TR1
Description  Excellent Linearity
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPM-5201-TR1 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPM-5201-TR1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPM-5201-TR1 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Plastic Reel Format (all dimensions are in millimeters)
Reel Drawing
NOTES:
1. Reel shall be labeled with the following
information (as a minimum).
a. manufacturers name or symbol
b. Avago Technologies part number
c. purchase order number
d. date code
e. quantity of units
2. A certificate of compliance (c of c) shall
be issued and accompany each shipment
of product.
3. Reel must not be made with or contain
ozone depleting materials.
4. All dimensions in millimeters (mm)
50 min.
12.4
+2.0
-0.0
18.4 max.
25
min wide (ref)
Slot for carrier tape
insertion for attachment
to reel hub (2 places 180° apart)
BACK VIEW
FRONT VIEW
178
Shading indicates
thru slots
+0.4
-0.2
21.0 ± 0.8
13.0 ± 0.2
1.5 min.


Similar Part No. - ACPM-5201-TR1

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ACPM-5201-TR1 BOARDCOM-ACPM-5201-TR1 Datasheet
329Kb / 13P
   UMTS Band1 (1920-1980MHz) 3x3mm Power Amplifi er Module
More results

Similar Description - ACPM-5201-TR1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BBY5603WE6327 INFINEON-BBY5603WE6327 Datasheet
855Kb / 7P
   Excellent linearity
2011-06-15
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7312 AVAGO-ACPM-7312 Datasheet
1Mb / 16P
   excellent linearity
logo
PREMIER DEVICES, INC.
OS8740230W PDI-OS8740230W Datasheet
161Kb / 5P
   Excellent linearity
logo
MAKO SEMICONDUCTOR CO.,...
M28S MAKOSEMI-M28S Datasheet
273Kb / 2P
   Excellent HFE Linearity.
logo
Shenzhen Luguang Electr...
LGA1266 LUGUANG-LGA1266 Datasheet
220Kb / 2P
   Excellent hFE Linearity
logo
MAKO SEMICONDUCTOR CO.,...
KTA1505 MAKOSEMI-KTA1505 Datasheet
83Kb / 2P
   Excellent hFE linearity
logo
TriQuint Semiconductor
TQM776011 TRIQUINT-TQM776011_15 Datasheet
204Kb / 1P
   Excellent Linearity in all modes
TQM716015 TRIQUINT-TQM716015_15 Datasheet
206Kb / 1P
   Excellent Linearity in all modes
logo
M.S. Kennedy Corporatio...
MSK115 MSK-MSK115_15 Datasheet
378Kb / 7P
   Excellent Linearity - Class A/B Output
logo
SHIKUES Electronics
BC846 SKTECHNOLGY-BC846 Datasheet
1,020Kb / 4P
   High current gain, Excellent hFE Linearity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com