Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFEM-S102-BLKG Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFEM-S102-BLKG
Description  Minimum 29 dB TX - RX Port Isolation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFEM-S102-BLKG Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button AFEM-S102-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED AFEM-S102-BLKG Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Device Orientation & Pin 1 Location In Tape
USER FEED DIRECTION
TOP VIEW
END VIEW
USER
FEED
DIRECTION
COVER TAPE
CARRIER
TAPE
REEL
2FWW
XXXX
2FWW
XXXX
2FWW
XXXX
Tape Dimensions
4.00 ±0.10
4.00 ±0.10
8.00
+0.30
0.10
2.40 ±0.05
0.80 ±0.05
Ø 1.00 ±0.25
2.00 ±0.05
3.50 ±0.05
1.75 ±0.10
Ø 1.50 ±0.10
B.
K.
A.
2.38 ±0.05
5° MAX
5° MAX


Similar Part No. - AFEM-S102-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AFEM-S102-BLKG BOARDCOM-AFEM-S102-BLKG Datasheet
174Kb / 12P
   2.5 GHz WiFi/BT FEM
More results

Similar Description - AFEM-S102-BLKG

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG110-AMX2NXLF HALO-TG110-AMX2NXLF Datasheet
477Kb / 2P
   SMD Quad Port 10/100BASE-TX Isolation Modules
logo
TEMIC Semiconductors
U2760B TEMIC-U2760B Datasheet
181Kb / 14P
   CT2-RX/TX IC
logo
Qorvo, Inc
QPQ1041Q QORVO-QPQ1041Q Datasheet
879Kb / 12P
   B41W Tx/Rx Filter
QPQ1290 QORVO-QPQ1290 Datasheet
581Kb / 8P
   Band 41 Tx / Rx Filter
March 5, 2018
logo
Radiometrix Ltd
ENT1 RADIOMETRIX-ENT1_14 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
Qorvo, Inc
TQQ0041T QORVO-TQQ0041T Datasheet
701Kb / 8P
   Band 41 Tx/Rx Filter
logo
Radiometrix Ltd
ENR1 RADIOMETRIX-ENR1 Datasheet
437Kb / 13P
   12.5kHz Channel VHF TX / RX
logo
HALO Electronics, Inc.
TG110-S050P2RL HALO-TG110-S050P2RL Datasheet
389Kb / 2P
   SMD Single Port Low Profile 10/100BASE-TX Isolation Modules
logo
Premier Magnetics, Inc.
PM-8036 PMI-PM-8036 Datasheet
103Kb / 6P
   10/100 Base-TX QUAD PORT ISOLATION TRANSFORMERS WITH FILTERS
logo
KR Electronics, Inc.
3070 KR-3070 Datasheet
60Kb / 3P
   200 MHz minimum 3 dB BW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com