Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-1322-BLKG Datasheet(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-1322-BLKG
Description  Very Low noise figure
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-1322-BLKG Datasheet(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALM-1322-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Vctrl (V)
15
17
19
21
23
25
27
29
31
33
35
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Vctrl (V)
10
15
20
25
30
35
40
1.9
2
2.1
2.2
2.3
2.4
2.5
Vctrl (V)
10
12
14
16
18
20
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Vctrl (V)
-25
-20
-15
-10
-5
0
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Vctrl (V)
-25
-20
-15
-10
-5
0
1.9
2.0
2.1
2.2
2.3
2.4
2.5
Vctrl (V)
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
-40°C
25°C
85°C
ALM-1322 Typical performance II
TA = +25°C, Vdd = 5V, Vctrl = 2.2V, Frequency = 2GHz. Input Signal=CW unless stated otherwise.
Figure 18. NF vs Vctrl and temperature
Figure 19. Gain vs Vctrl and temperature
Figure 20. oIp3 vs Vctrl and temperature
Figure 22. S11 vs Vctrl and temperature
Figure 21. op1dB vs Vctrl and temperature
Figure 23. S22 vs Vctrl and temperature


Similar Part No. - ALM-1322-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1322-BLKG BOARDCOM-ALM-1322-BLKG Datasheet
783Kb / 10P
   1.8-2.2GHz Very Low Noise High Gain Balanced Amplifier Module
More results

Similar Description - ALM-1322-BLKG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com