Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALM-1322-BLKG Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALM-1322-BLKG
Description  Very Low noise figure
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALM-1322-BLKG Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ALM-1322-BLKG Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALM-1322-BLKG Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Balanced Amplifier Demo Board Layout
Figure 7. Suggested Balanced Amplifier Demo Board Layout
Recommended PCB material is 10 mils Rogers RO4350.
Suggested component values may vary according to layout and PCB material.
Balanced Demo Board Schematic
Figure 8. Application Schematic for Balanced Amplifier
Not used
0402
R1, R4
49.9 ohms
0402
R2, R3
0.1uF ceramic
0402
C5, C8
14.22x5.08
mm2
0402
0402
0402
0805
Size
Anaren Xinger II
XC1900E-03 or equiv
Coupler
0.1uF ceramic
C3, C6
Not used
C4, C9
Not used
2.2uF ceramic
Description
C2, C7
C1, C10
Circuit
Symbol
Size
Description
Circuit
Symbol
Ground
20-pin Connector
RF Input
RF Output
Interstage
Match
Input
Match
Output
Match
Bias
Bias
C8
C10
C6
C5
C1
C3
50-Ohms TL
50-Ohms TL
50-Ohms TL
50-Ohms TL
6
5
1,22
3,4
2
12
13
17,18
14,15
16
Module Outline
21
20
19
8
9
10
11
7
Output
Match
Interstage
Match
Input
Match
Coupler
Coupler
RF Input
RF Output
R3
R2


Similar Part No. - ALM-1322-BLKG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALM-1322-BLKG BOARDCOM-ALM-1322-BLKG Datasheet
783Kb / 10P
   1.8-2.2GHz Very Low Noise High Gain Balanced Amplifier Module
More results

Similar Description - ALM-1322-BLKG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
   Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
   Low Noise Figure
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
   Low Noise Figure
BFR35AP ISC-BFR35AP Datasheet
104Kb / 2P
   Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
   Low noise figure
logo
Inchange Semiconductor ...
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
   Low Noise Figure
BFR106 ISC-BFR106 Datasheet
189Kb / 5P
   Low Noise Figure
BF775 ISC-BF775 Datasheet
104Kb / 2P
   Low Noise Figure
logo
M/A-COM Technology Solu...
MAAM-010239 MA-COM-MAAM-010239 Datasheet
900Kb / 5P
   Low Noise Figure
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com