Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMGP-6551 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # AMGP-6551
Description  IF frequency range from DC to 3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMGP-6551 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  AMGP-6551 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AMGP-6551 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 7. USB Conversion Gain vs Temperature (min and max gain)
Figure 9. USB Conversion Gain vs. Temperature at 38.5 GHz
Figure 8. USB Output IP3 vs Temperature (min and max gain)
Figure 10. USB Conversion Gain vs. Temperature at 42 GHz
Figure 11. USB Output IP3 vs. Temperature at 38.5 GHz
Figure 12. USB Output IP3 vs. Temperature at 42 GHz


Similar Part No. - AMGP-6551

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
AMGP-6551 BOARDCOM-AMGP-6551 Datasheet
639Kb / 8P
   40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6551-BLKG BOARDCOM-AMGP-6551-BLKG Datasheet
639Kb / 8P
   40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6551-TR1G BOARDCOM-AMGP-6551-TR1G Datasheet
639Kb / 8P
   40.5 ??43.5 GHz SMT Packaged Up-Converter
AMGP-6551-TR2G BOARDCOM-AMGP-6551-TR2G Datasheet
639Kb / 8P
   40.5 ??43.5 GHz SMT Packaged Up-Converter
More results

Similar Description - AMGP-6551

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
logo
CRYSTEK CORPORATION
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
   Attenuator frequency range is from DC to 1 GHz.
CATTEN-08R0-BNC CRYSTEKMICROWAVE-CATTEN-08R0-BNC Datasheet
403Kb / 2P
   Attenuator frequency range is from DC to 1 GHz.
logo
Pasternack Enterprises,...
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE5CK1002 PASTERNACK-PE5CK1002 Datasheet
1Mb / 14P
   Functional from DC to 3 GHz
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6198 PASTERNACK-PE71S6198 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
PE71S6199 PASTERNACK-PE71S6199 Datasheet
746Kb / 6P
   DC to 10 GHz Operating Frequency Range
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com