Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK6480A Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK6480A
Description  2K / 4K / 8Kbit Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK6480A Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK6480A Datasheet HTML 4Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 5Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 6Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 7Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 8Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 9Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 10Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 11Page - Asahi Kasei Microsystems AK6480A Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ASAHI KASEI
[AK6420A/40A/80A]
DAS01E-00
1999/05
- 8 -
WREN / WRDS ( Write Enable and Write Disable )
When Vcc is applied to the part, it powers up in the programming disable (WRDS) state. Programming must
be preceded by a programming enable (WREN) instruction. Programming remains enabled until a
programming disable (WRDS) instruction is executed or Vcc is removed from the part. The programming
disable instruction is provided to protect against accidental data disturb. Execution of a read instruction is not
affected by both WREN and WRDS instructions.
WREN/WRDS (AK6420A/40A/80A)


Similar Part No. - AK6480A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6480A AKM-AK6480A Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6480AF AKM-AK6480AF Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6480AM AKM-AK6480AM Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
More results

Similar Description - AK6480A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6420A-1 AKM-AK6420A-1 Datasheet
161Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK6420A AKM-AK6420A Datasheet
140Kb / 15P
   2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
logo
Asahi Kasei Microsystem...
AK6480C AKM-AK6480C Datasheet
173Kb / 15P
   8Kbit Serial CMOS EEPROM
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com