Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6643MAX Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6643MAX
Description  3V, Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6643MAX Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6643MAX Datasheet HTML 1Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 2Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 3Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 4Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 5Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 6Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 7Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 8Page - National Semiconductor (TI) LMH6643MAX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMH6642/6643/6644
3V, Low Power, 130MHz, 75mA Rail-to-Rail Output
Amplifiers
General Description
The LMH664X family true single supply voltage feedback
amplifiers offer high speed (130MHz), low distortion
(−62dBc), and exceptionally high output current (approxi-
mately 75mA) at low cost and with reduced power consump-
tion when compared against existing devices with similar
performance.
Input common mode voltage range extends to 0.5V below V
and 1V from V
+. Output voltage range extends to within
40mV of either supply rail, allowing wide dynamic range
especially desirable in low voltage applications. The output
stage is capable of approximately 75mA in order to drive
heavy loads. Fast output Slew Rate (130V/µs) ensures large
peak-to-peak output swings can be maintained even at
higher speeds, resulting in exceptional full power bandwidth
of 40MHz with a 3V supply. These characteristics, along with
low cost, are ideal features for a multitude of industrial and
commercial applications.
Careful attention has been paid to ensure device stability
under all operating voltages and modes. The result is a very
well behaved frequency response characteristic (0.1dB gain
flatness up the 12MHz under 150
Ω load and A
V = +2) with
minimal peaking (typically 2dB maximum) for any gain set-
ting and under both heavy and light loads. This along with
fast settling time (68ns) and low distortion allows the device
to operate well in ADC buffer, and high frequency filter
applications as well as other applications.
This device family offers professional quality video perfor-
mance with low DG (0.01%) and DP (0.01˚) characteristics.
Differential Gain and Differential Phase characteristics are
also well maintained under heavy loads (150
Ω) and through-
out the output voltage range. The LMH664X family is offered
in single (LMH6642), dual (LMH6643), and quad (LMH6644)
options. See ordering information for packages offered.
Features
(V
S = ±5V, TA = 25˚C, RL =2k
Ω,A
V = +1. Typical values
unless specified).
n
−3dB BW (A
V = +1)
130MHz
n
Supply voltage range
3V to 12.8V
n
Slew rate (Note 8), (A
V = −1)
130V/µs
n
Supply current (no load)
2.7mA/amp
n
Output short circuit current
+115mA/−145mA
n
Linear output current
±75mA
n
Input common mode volt.
0.5V beyond V
, 1V from V+
n
Output voltage swing
40mV from rails
n
Input voltage noise (100kHz)
17nV/
n
Input current noise (100kHz)
0.9pA/
n
THD (5MHz, R
L =2k
Ω,V
O =2VPP,AV = +2)
−62dBc
n
Settling time
68ns
n
Fully characterized for 3V, 5V, and ±5V
n
Overdrive recovery
100ns
n
Output short circuit protected (Note 11)
n
No output phase reversal with CMVR exceeded
Applications
n
Active filters
n
CD/DVD ROM
n
ADC buffer amp
n
Portable video
n
Current sense buffer
Closed Loop Gain vs. Frequency for Various Gain
Large Signal Frequency Response
20018535
20018547
May 2003
© 2003 National Semiconductor Corporation
DS200185
www.national.com


Similar Part No. - LMH6643MAX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6643MAX TI-LMH6643MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6643MAX NSC-LMH6643MAX Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MAX TI1-LMH6643MAX Datasheet
1Mb / 39P
[Old version datasheet]   LMH664x Low Power, 130 MHz, 75 mA Rail-to-Rail Output Amplifiers
More results

Similar Description - LMH6643MAX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6642Q NSC-LMH6642Q Datasheet
1Mb / 29P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642 TI1-LMH6642 Datasheet
1Mb / 33P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642MF NSC-LMH6642MF Datasheet
1Mb / 33P
   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642Q TI1-LMH6642Q Datasheet
590Kb / 21P
[Old version datasheet]   Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642EP NSC-LMH6642EP Datasheet
960Kb / 21P
   Enhanced Plastic Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6642MFX TI-LMH6642MFX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
National Semiconductor ...
LMH6642 NSC-LMH6642_14 Datasheet
1Mb / 33P
   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMH6643MA TI-LMH6643MA Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
LMH6644MAX TI-LMH6644MAX Datasheet
1Mb / 32P
[Old version datasheet]   LMH6642/LMH6643/LMH6644 Low Power, 130MHz, 75mA Rail-to-Rail Output Amplifiers
logo
Global Mixed-mode Techn...
G1812 GMT-G1812 Datasheet
291Kb / 1P
   Rail-to-Rail Output Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com