Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702MA Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6702MA
Description  Ultra Low Distortion, Wideband Op Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6702MA Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMH6702MA Datasheet HTML 2Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 3Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 4Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 5Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 6Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 7Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 8Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 9Page - National Semiconductor (TI) LMH6702MA Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Typical Performance Characteristics (T
A = 25˚C, VS = ±5V, RL = 100
Ω,R
f = 237
Ω; Unless
Specified). (Continued)
Percent Settling vs. Time
Harmonic Distortion vs. Load and Frequency
(SOIC package)
20039020
20039007
2 Tone 3rd Order Spurious Level
(SOIC package)
R
S and Settling Time vs. CL
20039021
20039013
HD2 vs. Output Power (across 100
Ω)
(SOIC package)
HD3 vs. Output Power (across 100
Ω)
(SOIC package)
20039008
20039009
www.national.com
6


Similar Part No. - LMH6702MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702MA TI1-LMH6702MA Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702MA/NOPB TI1-LMH6702MA/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702MAX/NOPB TI1-LMH6702MAX/NOPB Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
More results

Similar Description - LMH6702MA

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH207 CADEKA-KH207 Datasheet
286Kb / 7P
   Low Distortion Wideband Op Amp
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com