Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR16MCS9VJE76 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CR16MCS9VJE76
Description  Family of 16-bit CAN-enabled CompactRISC Microcontrollers
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CR16MCS9VJE76 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  CR16MCS9VJE76 Datasheet HTML 1Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 2Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 3Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 4Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 5Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 6Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 7Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 8Page - National Semiconductor (TI) CR16MCS9VJE76 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 156 page
background image
5
www.national.com
3.0
Device Overview
The devices are complete microcomputers with all system
timing, interrupt logic, program memory, data memory, and I/
O ports included on-chip, making it well-suited to a wide
range of embedded controller applications.
3.1
CR16B CPU CORE
The device uses a CR16B CPU core module. This is the
same core used in other CompactRISC family member de-
signs, like DECT or GSM chipsets.
The high performance of the CPU core results from the im-
plementation of a pipelined architecture with a two-bytes-per-
cycle pipelined system bus. As a result, the CPU can support
a peak execution rate of one instruction per clock cycle.
Compared with conventional RISC processors, the device
differs in the following ways:
— The CPU core can use on-chip rather than external
memory. This eliminates the need for large and com-
plex bus interface units.
— Most instructions are 16 bits, so all basic instructions
are just two bytes long. Additional bytes are sometimes
required for immediate values, so instructions can be
two or four bytes long.
— Non-aligned word access is allowed. Each instruction
can operate on 8-bit or 16-bit data.
— The device is designed to operate with a clock rate in
the 10 to 24 MHz range rather than 100 MHz or more.
Most embedded systems face EMI and noise con-
straints that limit clock speed to these lower ranges. A
lower clock speed means a simpler, less costly silicon
implementation.
— The instruction pipeline uses three stages. A smaller
pipeline eliminates the need for costly branch predic-
tion mechanisms and bypass registers, while maintain-
ing adequate performance for typical embedded
controller applications.
For more information, please refer to the CR16B Program-
mer’s Reference Manual, Literature #: 633150.
3.2
MEMORY
The CompactRISC architecture supports a uniform linear ad-
dress space of 2 megabytes. The device implementation of
this architecture uses only the lowest 128K bytes of address
space. Four types of on-chip memory occupy specific inter-
vals within this address space:
64K bytes of flash EEPROM program memory (100K cy-
cles)
48K bytes ROM programm memory version available also
(100K cycles)
3K bytes of static RAM
2K bytes of EEPROM data memory with low endurance
(25K cycles)
128 bytes with high endurance (100K cycles)
1.5K bytes flash EEPROM memory for ISP code
The 3K bytes of static RAM are used for temporary storage
of data and for the program stack and interrupt stack. Read
and write operations can be byte-wide or word-wide, depend-
ing on the instruction executed by the CPU. Each memory
access requires one clock cycle; no wait cycles or hold cycles
are required.
There are two types of flash EEPROM data memory storage.
The 2K bytes of EEPROM data memory with low endurance
(25K cycles) and 128 bytes of flash EEPROM data memory
with high endurance (100K cycles) are used for non-volatile
storage of data, such as configuration settings entered by the
end-user.
The 64K bytes of flash EEPROM program memory are used
to store the application program. It has security features to
prevent unintentional programming and to prevent unautho-
rized access to the program code. This memory can be pro-
grammed with a device external programming unit or with the
device installed in the application system (in-system pro-
gramming).
There is a factory programmed boot memory used to store
In-System-Programming (ISP) code. (This code allows pro-
gramming of the program memory via one of the USART in-
terfaces in the final application.)
For flash EEPROM program and data memory, the device in-
ternally generates the necessary voltages for programming.
No additional power supply is required.
3.3
INPUT/OUTPUT PORTS
The device has 56 software-configurable I/O pins, organized
into seven 8-pin ports called Port B, Port C, Port F, Port G,
Port H, Port I, and Port L. Each pin can be configured to op-
erate as a general-purpose input or general-purpose output.
In addition, many I/O pins can be configured to operate as a
designated input or output for an on-chip peripheral module
such as the USART, timer, A/D converter, or MICROWIRE/
SPI interface.
The I/O pin characteristics are fully programmable. Each pin
can be configured to operate as a TRI-STATE output, push-
pull output, weak pull-up input, or high-impedance input.
3.4
BUS INTERFACE UNIT
The Bus Interface Unit (BIU) controls the interface between
the on-chip modules to the internal core bus. It determines
the configured parameters for bus access (such as the num-
ber of wait states for memory access) and issues the appro-
priate bus signals for each requested access.
The BIU uses a set of control registers to determine how
many wait states and hold states are to be used when ac-
cessing flash EEPROM program memory, ISP memory and
the I/O area (Port B and Port C). Upon start-up the configu-
ration registers are set for slowest possible memory access.
To achieve fastest possible program execution, appropriate
values should be programmed. These settings vary with the
clock frequency and the type of on-chip device being access-
ed.


Similar Part No. - CR16MCS9VJE76

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MCT5 NSC-CR16MCT5 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT5VJEXY NSC-CR16MCT5VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9 NSC-CR16MCT9 Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEX NSC-CR16MCT9VJEX Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
CR16MCT9VJEXY NSC-CR16MCT9VJEXY Datasheet
1Mb / 153P
   CR16MCT9/CR16MCT5/CR16HCT9/CR16HCT5 16-Bit Reprogrammable/ROM Microcontroller
More results

Similar Description - CR16MCS9VJE76

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CR16MES5 NSC-CR16MES5 Datasheet
449Kb / 99P
   Family of CompactRISC 16-Bit Microcontrollers
logo
Texas Instruments
CR16MES5 TI1-CR16MES5 Datasheet
996Kb / 101P
[Old version datasheet]   Family of CompactRISC 16-Bit Microcontrollers
logo
Siemens Semiconductor G...
C165 SIEMENS-C165 Datasheet
720Kb / 49P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
SAB80C166W SIEMENS-SAB80C166W Datasheet
878Kb / 67P
   C16x-Family of High-Performance CMOS 16-Bit Microcontrollers
M166 SIEMENS-M166 Datasheet
373Kb / 127P
   C16x Family of Siemens 16-Bit CMOS Single-Chip Microcontrollers
logo
Samsung semiconductor
S3C9404 SAMSUNG-S3C9404 Datasheet
245Kb / 32P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C9442 SAMSUNG-S3C9442 Datasheet
177Kb / 26P
   SAM88RCRI family of 8-bit single-chip CMOS microcontrollers
S3C9614 SAMSUNG-S3C9614 Datasheet
178Kb / 27P
   SAM87RI family of 8-bit single-chip CMOS microcontrollers
S3C9424 SAMSUNG-S3C9424 Datasheet
197Kb / 26P
   SAM87Ri family of 8-bit single-chip CMOS microcontrollers
S3C8847 SAMSUNG-S3C8847 Datasheet
150Kb / 20P
   SAM87 family of 8-bit single-chip CMOS microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com