Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP07.09.0100A Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # FXP07.09.0100A
Description  Flexible PCB Penta Band GSM Antenna
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP07.09.0100A Datasheet(HTML) 4 Page - Taoglas antenna solutions

  FXP07.09.0100A Datasheet HTML 1Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 8Page - Taoglas antenna solutions FXP07.09.0100A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SPE-12-8-051/C/ZL
Page 4 of 11
3. Electrical Property
3.1 Test Setup
FXP.07 was designed with a cell-phone size ground plane (110 x 45 mm). Tests were
setup to demonstrate its RF properties with this ground plane, in free space and
adhered to a plastic box to simulate a typical application device. Satimo SG64
3D-chamber is used for radiation and efficiency test with 5% tolerance.
Satimo SG64 3D-chamber and antenna setup reference.
z
y
x


Similar Part No. - FXP07.09.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.09.0100A TAOGLAS-FXP07.09.0100A_16 Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
More results

Similar Description - FXP07.09.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP07.09.0100A TAOGLAS-FXP07.09.0100A_16 Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07.07.0100A TAOGLAS-FXP07.07.0100A_16 Datasheet
1Mb / 10P
   Flexible PCB Penta Band GSM Antenna
FXP07070100A TAOGLAS-FXP07070100A Datasheet
1,022Kb / 10P
   Flexible PCB Penta Band GSM Antenna, 100mm 횠1.13 cable, IPEX connector
logo
Pulse A Technitrol Comp...
L143 PULSE-L143 Datasheet
1Mb / 5P
   GSM/3G Penta Band Hybrid PCB Antenna
logo
List of Unclassifed Man...
FXP07070100A ETC2-FXP07070100A Datasheet
1Mb / 11P
   Flexible PCB Penta Band GSM Antenna 100mm 횠1.13 cable IPEX connector
logo
Taoglas antenna solutio...
PC30070100A TAOGLAS-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
PC30.07.0100A TAOGLAS-PC30.07.0100A Datasheet
472Kb / 7P
   FR4 Penta-band GSM Antenna
PC30090100A TAOGLAS-PC30090100A Datasheet
322Kb / 7P
   FR4 Penta-band GSM Antenna
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
   FR4 Penta-band GSM Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com