Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FXP14.07.0100A Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # FXP14.07.0100A
Description  IPEX MHFI Connector
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP14.07.0100A Datasheet(HTML) 7 Page - Taoglas antenna solutions

  FXP14.07.0100A Datasheet HTML 1Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 2Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 3Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 4Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 5Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 6Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 7Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 8Page - Taoglas antenna solutions FXP14.07.0100A Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SPE-13-8-065/B/RC
page 7 of 9
Figure 9. Radiation pattern for GPS at 1575.42 MHz, Figure 1 as reference.
_____ XZ Plane
_____ YZ Plane
_____ XY Plane
5 dB
0 dB
5 dB
-10 dB
-15 dB
-20 dB
-25 dB
-30 dB


Similar Part No. - FXP14.07.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP14.07.0100A TAOGLAS-FXP14.07.0100A Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14.07.0100A TAOGLAS-FXP14.07.0100A_14 Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
More results

Similar Description - FXP14.07.0100A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP611.07.0092C TAOGLAS-FXP611.07.0092C Datasheet
863Kb / 11P
   IPEX MHFI Connector
FXP73.07.0100A TAOGLAS-FXP73.07.0100A Datasheet
497Kb / 9P
   IPEX MHFI Connector
logo
List of Unclassifed Man...
RECE20279001E01 ETC2-RECE20279001E01 Datasheet
148Kb / 1P
   IPEX MHFI RECEPTACLE
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
logo
List of Unclassifed Man...
AP10E070039B ETC2-AP10E070039B Datasheet
1Mb / 12P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI
PC23070100A ETC2-PC23070100A Datasheet
368Kb / 7P
   AMPS/GSM/PCS/DCS Cellular PCB Antenna 100mm 1.13 IPEX MHFI
logo
Taoglas antenna solutio...
AP10E070039B TAOGLAS-AP10E070039B Datasheet
442Kb / 9P
   AP.10E - 1 Stage 15dB 39mm 0.81 with IPEX MHFI (U.FL compatible)
CAB011 TAOGLAS-CAB011 Datasheet
371Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95m 1.13 cable
logo
List of Unclassifed Man...
CAB011 ETC2-CAB011 Datasheet
228Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
logo
Taoglas antenna solutio...
CAB628 TAOGLAS-CAB628 Datasheet
326Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to RP-SMA(F)Bulkhead Straight Connector with 95mm 1.13 cable
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com