Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0201C470J3GACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C0201C470J3GACTU
Description  Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 47 pF, /-5% Tol, 25 V, C0G, 0201 (0603 metric)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0201C470J3GACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C0201C470J3GACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 3/17/2016 - f610aebf-5803-42ce-a6c9-185ff4c676e4
KEMET Part Number: C0201C470J3GACTU
(C0201C470J3GAC7867)
Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 47 pF, +/-5% Tol, 25 V, C0G, 0201 (0603 metric)
Dimensions (mm)
Symbol
Dimension
Tolerance
L
0.6
+/-0.03
W
0.3
+/-0.03
T
0.3
+/-0.03
B
0.15
+/-0.05
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Paper Tape
Package Quantity: 15000
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 0201 (0603 metric)
Temperature Coefficient: C0G
Part Type Description: SMD, MLCC, Ultra-Stable, Low
Loss, Class I
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 47 pF
Voltage: 25 V
Tolerance: +/-5%
Temperature Range: -55/+125C
Dissipation Factor: 0.1%
Failure Rate: N/A
Aging Rate: 0% loss/decade hour
Insulation Resistance: 100 GOhm
Dielectric Strength: 62.5 V
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C0201C470J3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C470J3GACTU KEMET-C0201C470J3GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 5%, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
C0201C470J3GACTU KEMET-C0201C470J3GACTU_17 Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 47 pF, 5%, 25 V, 0201, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0201C470J3GACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0201C180J3GACTU KEMET-C0201C180J3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 18 pF, /-5% Tol, 25 V, C0G, 0201 (0603 metric)
C0201C100D3GACTU KEMET-C0201C100D3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 10 pF, /-0.5pF Tol, 25 V, C0G, 0201 (0603 metric)
C0201C270J3GACTU KEMET-C0201C270J3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 27 pF, /-5% Tol, 25V, C0G, 0201 (0603 metric)
C0603C221J3GACTU KEMET-C0603C221J3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 220 pF, /-5% Tol, 25 V, C0G, 0603 (1608 metric)
C0603C682J3GACTU KEMET-C0603C682J3GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 6800 pF, /-5% Tol, 25 V, C0G, 0603 (1608 metric)
C0603C681J3GACTU KEMET-C0603C681J3GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 680 pF, /-5% Tol, 25 V, C0G, 0603 (1608 metric)
C1206C470JGGACTU KEMET-C1206C470JGGACTU Datasheet
66Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 47 pF, /-5% Tol, 2000 V, C0G, 1206 (3216 metric)
C0603C180K3GACTU KEMET-C0603C180K3GACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 18 pF, /-10% Tol, 25 V, C0G, 0603 (1608 metric)
C1206C470J1GACTU KEMET-C1206C470J1GACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 47 pF, /-5% Tol, 100 V, C0G, 1206 (3216 metric)
C0805C470JCGACTU KEMET-C0805C470JCGACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 47 pF, /-5% Tol, 500 V, C0G, 0805 (2012 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com