Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1539EH Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQ1539EH
Description  Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ1539EH Datasheet(HTML) 1 Page - Vishay Siliconix

  SQ1539EH Datasheet HTML 1Page - Vishay Siliconix SQ1539EH Datasheet HTML 2Page - Vishay Siliconix SQ1539EH Datasheet HTML 3Page - Vishay Siliconix SQ1539EH Datasheet HTML 4Page - Vishay Siliconix SQ1539EH Datasheet HTML 5Page - Vishay Siliconix SQ1539EH Datasheet HTML 6Page - Vishay Siliconix SQ1539EH Datasheet HTML 7Page - Vishay Siliconix SQ1539EH Datasheet HTML 8Page - Vishay Siliconix SQ1539EH Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SQ1912EH
www.vishay.com
Vishay Siliconix
S15-1918 Rev. A, 17-Aug-15
1
Document Number: 67394
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Marking Code: 9H
FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited.
b. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
c. When mounted on 1" square PCB (FR4 material).
PRODUCT SUMMARY
VDS (V)
20
RDS(on) (
Ω) at VGS = 4.5 V
0.280
RDS(on) (
Ω) at VGS = 2.5 V
0.360
RDS(on) (
Ω) at VGS = 1.8 V
0.450
ID (A)
0.8
Configuration
Dual
Package
SC-70
SOT-363
SC-70 Dual (6 leads)
Top View
1
S
1
2
G
1
3
D
2
D
1
6
G
2
5
S
2
4
D1
S1
G1
D2
S2
G2
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current a
TC = 25 °C
ID
0.8
A
TC = 125 °C
0.8
Continuous Source Current (Diode Conduction) a
IS
0.8
Pulsed Drain Current b
IDM
3
Single Pulse Avalanche Current
L = 0.1 mH
IAS
3.8
Single Pulse Avalanche Energy
EAS
7.2
mJ
Maximum Power Dissipation b
TC = 25 °C
PD
1.5
W
TC = 125 °C
0.5
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +175
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-Ambient
PCB Mount c
RthJA
220
°C/W
Junction-to-Foot (Drain)
RthJF
100


Similar Part No. - SQ1539EH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1539EH VISHAY-SQ1539EH Datasheet
296Kb / 13P
   Automotive N-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Jun-15
SQ1539EH VISHAY-SQ1539EH Datasheet
313Kb / 15P
   N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ1539EH VISHAY-SQ1539EH Datasheet
312Kb / 15P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1539EH VISHAY-SQ1539EH_15 Datasheet
307Kb / 16P
   N-and P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1539EH VISHAY-SQ1539EH_V01 Datasheet
313Kb / 15P
   N-and P-Channel 30 V (D-S) 175 째C MOSFET
01-Jan-2022
More results

Similar Description - SQ1539EH

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ1912AEEH VISHAY-SQ1912AEEH_15 Datasheet
280Kb / 13P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 01-Jun-15
SQ1902AEL VISHAY-SQ1902AEL_15 Datasheet
244Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
Rev. A, 17-Aug-15
SQ1902AEL VISHAY-SQ1902AEL Datasheet
248Kb / 10P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1912EH VISHAY-SQ1912EH_V02 Datasheet
242Kb / 11P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922AEEH VISHAY-SQ1922AEEH_V02 Datasheet
412Kb / 17P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ1922EEH VISHAY-SQ1922EEH_V02 Datasheet
211Kb / 8P
   Automotive Dual N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQS420EN VISHAY-SQS420EN Datasheet
1Mb / 14P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQS420EN VISHAY-SQS420EN_V02 Datasheet
1Mb / 12P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD100N02-3M5L VISHAY-SQD100N02-3M5L_V01 Datasheet
207Kb / 9P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ3442EV VISHAY-SQ3442EV Datasheet
211Kb / 11P
   Automotive N-Channel 20 V (D-S) 175 °C MOSFET
Rev. C, 07-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com