Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321LUA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1321LUA
Description  Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321LUA Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1321LUA Datasheet HTML 1Page - Allegro MicroSystems A1321LUA Datasheet HTML 2Page - Allegro MicroSystems A1321LUA Datasheet HTML 3Page - Allegro MicroSystems A1321LUA Datasheet HTML 4Page - Allegro MicroSystems A1321LUA Datasheet HTML 5Page - Allegro MicroSystems A1321LUA Datasheet HTML 6Page - Allegro MicroSystems A1321LUA Datasheet HTML 7Page - Allegro MicroSystems A1321LUA Datasheet HTML 8Page - Allegro MicroSystems A1321LUA Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
A1321-DS Rev. 3
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321/A1322/A1323
Characteristic Definitions
Quiescent Voltage Output. In the quiescent state (no
magnetic field), the output equals one half of the supply voltage
over the operating voltage range and the operating temperature
range. Due to internal component tolerances and thermal con-
siderations, there is a tolerance on the quiescent voltage output
both as a function of supply voltage and as a function of ambient
temperature. For purposes of specification, the quiescent voltage
output as a function of temperature is defined in terms of mag-
netic flux density, B, as:
This calculation yields the device’s equivalent accuracy,
over the operating temperature range, in gauss (G).
Sensitivity. The presence of a south-pole magnetic field per-
pendicular to the package face (the branded surface) increases
the output voltage from its quiescent value toward the supply
voltage rail by an amount proportional to the magnetic field
applied. Conversely, the application of a north pole will decrease
the output voltage from its quiescent value. This proportionality
is specified as the sensitivity of the device and is defined as:
The stability of sensitivity as a function of temperature is
defined as:
Ratiometric. The A132X family features a ratiometric output.
The quiescent voltage output and sensitivity are proportional to
the supply voltage (ratiometric).
The percent ratiometric change in the quiescent voltage output is
defined as:
and the percent ratiometric change in sensitivity is
defined as:
Linearity and Symmetry. The on-chip output stage
is designed to provide a linear output with a supply voltage of
5 V. Although application of very high magnetic fields will not
damage these devices, it will force the output into a non-linear
region. Linearity in percent is measured and defined as:
and output symmetry as:
∆Vout(q)(∆Τ)
∆Vout(q)(Τ
Α)
∆Vout(q)(25ºC)
Sens(25ºC)
=
(1)
2B
∆Vout(–B)
∆Vout(+B)
Sens
=
∆Sens(∆Τ)
SensΑ)
Sens(25ºC)
Sens(25ºC)
=
× 100%
(2)
(3)
VCC ÷5 V
∆Vout(q)(VCC)
∆Vout(q)(5V)
∆Vout(q)(∆V)
÷
=
× 100%
(4)
VCC ÷5 V
÷
=
× 100%
∆Sens(∆V)
∆Sens(VCC) ∆Sens(5V)
(5)
=
× 100%
Lin+
∆Vout(+B)
2(∆Vout(+B / 2) –Vout(q) )
∆Vout(q)
(6)
=
× 100%
Lin–
∆Vout(–B)
2(∆Vout(–B / 2) –Vout(q) )
∆Vout(q)
(7)
=
× 100%
Sym
∆Vout(+B)
∆Vout(q) –Vout(–B)
∆Vout(q)
(8)


Similar Part No. - A1321LUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321LUA-T ALLEGRO-A1321LUA-T Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321LUA-T3 ALLEGRO-A1321LUA-T3 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
More results

Similar Description - A1321LUA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321_11 Datasheet
501Kb / 13P
   Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
logo
TT Electronics.
OMH3150 TTELEC-OMH3150 Datasheet
530Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
OHS3150U TTELEC-OHS3150U Datasheet
195Kb / 4P
   Ratiometric Linear Hall-Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com