Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2318AES Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQ2318AES
Description  Automotive P-Channel 40 V (D-S) MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2318AES Datasheet(HTML) 5 Page - Vishay Siliconix

  SQ2318AES Datasheet HTML 1Page - Vishay Siliconix SQ2318AES Datasheet HTML 2Page - Vishay Siliconix SQ2318AES Datasheet HTML 3Page - Vishay Siliconix SQ2318AES Datasheet HTML 4Page - Vishay Siliconix SQ2318AES Datasheet HTML 5Page - Vishay Siliconix SQ2318AES Datasheet HTML 6Page - Vishay Siliconix SQ2318AES Datasheet HTML 7Page - Vishay Siliconix SQ2318AES Datasheet HTML 8Page - Vishay Siliconix SQ2318AES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SQ2319ADS
www.vishay.com
Vishay Siliconix
S15-2366-Rev. A, 12-Oct-15
5
Document Number: 76397
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
(1) V
GS > minimum VGS at which RDS(on) is specified
IDM limited
Limited by RDS(on)
(1)
T
C = 25 °C
Single pulse
BVDSS limited
100 ms, 1 s, 10 s
10 ms
1 ms
DC
2
1
0.1
0.01
Square Wave Pulse Duration (s)
10-4
10-3
10-2
10-1
110
600
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 166 °C/W
3. TJM - T A = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM
100


Similar Part No. - SQ2318AES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2318AES VISHAY-SQ2318AES Datasheet
244Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2318AES VISHAY-SQ2318AES Datasheet
209Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
SQ2318AES VISHAY-SQ2318AES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2318AES VISHAY-SQ2318AES Datasheet
208Kb / 9P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2318AES VISHAY-SQ2318AES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
More results

Similar Description - SQ2318AES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQS401EN VISHAY-SQS401EN Datasheet
1Mb / 14P
   Automotive P-Channel 40 V (D-S) MOSFET
Rev. C, 31-Oct-11
SQ2319ADS VISHAY-SQ2319ADS_V01 Datasheet
211Kb / 9P
   Automotive P-Channel 40 V (D-S) MOSFET
01-Jan-2022
SQ2319ADS VISHAY-SQ2319ADS_V02 Datasheet
210Kb / 9P
   Automotive P-Channel 40 V (D-S) MOSFET
01-Jan-2023
SQ2319ES VISHAY-SQ2319ES Datasheet
224Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 C MOSFET
Rev. C, 07-Nov-11
SQD50P04-09L VISHAY-SQD50P04-09L Datasheet
154Kb / 10P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
Rev. C, 24-Oct-11
SQM40031EL VISHAY-SQM40031EL Datasheet
173Kb / 6P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 23-Jan-17
SQD50P04-13L VISHAY-SQD50P04-13L_15 Datasheet
169Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 °C MOSFET
Rev. D, 29-Dec-14
SQM40061EL VISHAY-SQM40061EL Datasheet
203Kb / 9P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
SQ3419AEEV VISHAY-SQ3419AEEV Datasheet
264Kb / 11P
   Automotive P-Channel 40 V (D-S) 175 째C MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com