Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ2398ES Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SQ2398ES
Description  Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQ2398ES Datasheet(HTML) 2 Page - Vishay Siliconix

  SQ2398ES Datasheet HTML 1Page - Vishay Siliconix SQ2398ES Datasheet HTML 2Page - Vishay Siliconix SQ2398ES Datasheet HTML 3Page - Vishay Siliconix SQ2398ES Datasheet HTML 4Page - Vishay Siliconix SQ2398ES Datasheet HTML 5Page - Vishay Siliconix SQ2398ES Datasheet HTML 6Page - Vishay Siliconix SQ2398ES Datasheet HTML 7Page - Vishay Siliconix SQ2398ES Datasheet HTML 8Page - Vishay Siliconix SQ2398ES Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SQ2303ES
www.vishay.com
Vishay Siliconix
S11-2111-Rev. B, 07-Nov-11
2
Document Number: 67023
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
c. Independent of operating temperature.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 μA
- 30
-
-
V
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 μA
- 1.5
- 2.0
- 2.5
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V
VDS = - 30 V
-
-
- 1
μA
VGS = 0 V
VDS = - 30 V, TJ = 125 °C
-
-
- 50
VGS = 0 V
VDS = - 30 V, TJ = 175 °C
-
-
- 150
On-State Drain Currenta
ID(on)
VGS = - 10 V
VDS- 5 V
- 8
-
-
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V
ID = - 1.7 A
-
0.130
0.170
VGS = - 10 V
ID = - 1.7 A, TJ = 125 °C
-
-
0.247
VGS = - 10 V
ID = - 1.7 A, TJ = 175 °C
-
-
0.288
VGS = - 4.5 V
ID = - 1.3 A
-
0.280
0.370
Forward Transconductanceb
gfs
VDS = - 5 V, ID = - 1.7 A
-
4
-
S
Dynamicb
Input Capacitance
Ciss
VGS = 0 V
VDS = - 25 V, f = 1 MHz
-
168
210
pF
Output Capacitance
Coss
-40
50
Reverse Transfer Capacitance
Crss
-28
35
Total Gate Chargec
Qg
VGS = - 10 V
VDS = - 15 V, ID = - 1.7 A
-4.5
6.8
nC
Gate-Source Chargec
Qgs
-0.8
-
Gate-Drain Chargec
Qgd
-1.1
-
Gate Resistance
Rg
f = 1 MHz
6.04
12.08
18.12
Turn-On Delay Timec
td(on)
VDD = - 15 V, RL = 8.8 
ID  - 1.7 A, VGEN = - 10 V, Rg = 1 
-5
8
ns
Rise Timec
tr
-8
12
Turn-Off Delay Timec
td(off)
-12
18
Fall Timec
tf
-8
12
Source-Drain Diode Ratings and Characteristicsb
Pulsed Currenta
ISM
--
- 10
A
Forward Voltage
VSD
IF = - 1.5 A, VGS = 0 V
-
- 0.85
- 1.2
V


Similar Part No. - SQ2398ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ2398ES VISHAY-SQ2398ES Datasheet
256Kb / 11P
   Automotive P-Channel 60 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQ2398ES VISHAY-SQ2398ES Datasheet
208Kb / 9P
   Automotive N-Channel 100 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ2398ES VISHAY-SQ2398ES Datasheet
291Kb / 11P
   Automotive P-Channel 12 V (D-S) 175 °C MOSFET
Rev. D, 07-Oct-15
SQ2398ES VISHAY-SQ2398ES Datasheet
281Kb / 11P
   Automotive N-Channel 40 V (D-S) 175 °C MOSFET
Rev. A, 09-Dec-13
SQ2398ES VISHAY-SQ2398ES Datasheet
279Kb / 11P
   Automotive P-Channel 40 V (D-S) MOSFET
Rev. A, 12-Oct-15
More results

Similar Description - SQ2398ES

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQ4425EY VISHAY-SQ4425EY Datasheet
258Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQ4431EY VISHAY-SQ4431EY_15 Datasheet
258Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. C, 20-May-13
SQ2303ES VISHAY-SQ2303ES_15 Datasheet
222Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 07-Nov-11
SQS423ENW VISHAY-SQS423ENW_V02 Datasheet
224Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQJA37EP VISHAY-SQJA37EP_V02 Datasheet
241Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQA403EJ VISHAY-SQA403EJ_V02 Datasheet
273Kb / 8P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQD45P03-12 VISHAY-SQD45P03-12_V02 Datasheet
162Kb / 9P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
01-Jan-2023
SQ4435EY VISHAY-SQ4435EY_15 Datasheet
253Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 31-Oct-11
SQ4483EY VISHAY-SQ4483EY_15 Datasheet
302Kb / 11P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 10-Aug-15
SQD50P03-07 VISHAY-SQD50P03-07_15 Datasheet
163Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. B, 30-Jul-12
SQJ403EEP VISHAY-SQJ403EEP Datasheet
183Kb / 10P
   Automotive P-Channel 30 V (D-S) 175 °C MOSFET
Rev. A, 18-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com